Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LM-Z5-R

  • AI
    The **LM-Z5-R** typically refers to a high-performance **Laser Galvo Scanner** (Galvanometer) module, commonly used in industrial fiber laser marking machines. It is responsible for steering the laser beam at high speeds using mirrors controlled by high-precision motors. Below is a breakdown of the electronic components and technical specifications. ### 1. Core Electronic Components The system consists of three main electronic sub-systems: | Component | Function | Description | | :--- | :--- | :--- | | **Galvanometer Motors** | Physical Movement | High-speed limited-rotation DC motors that move the X and Y mirrors. | | **Driver Board** | Signal Processing | Analog or Digital servo drivers that translate controller commands into motor movement. | | **Optical Mirrors** | Beam Reflection | High-reflectivity dielectric coated mirrors (usually optimized for 1064nm fiber lasers). | | **Position Sensors** | Feedback Loop | High-resolution capacitive or optical encoders that ensure accuracy and repeatability. | --- ### 2. Technical Specifications The LM-Z5-R is designed for high-speed precision. Typical electronic and operational specs include: * **Aperture:** 10mm (Standard for fiber laser sources). * **Small Step Response:** ~0.3ms to 0.5ms. * **Input Signal:** Digital (XY2-100 Protocol) or Analog. * **Power Supply:** Requires ±15V DC (at 3A to 5A). * **Gain Drift:** < 50ppm/K. --- ### 3. Connection and Interface The electronic interface is the bridge between the **Laser Control Card** (like EzCad/BJJCZ) and the scanner head. * **DB15 Connector:** This is the standard interface used for the XY2-100 digital protocol, which carries the position data for the X and Y axes. * **Power Pins:** Dedicated pins for +15V, -15V, and GND to power the internal operational amplifiers and drive transistors. * **Feedback Pins:** Used for diagnostic monitoring of the motor position and temperature. --- ### 4. Common Troubleshooting Areas 1. **Driver Board Calibration:** Small potentiometers on the board are used to adjust "Zero Offset" and "Gain" to ensure the marking square is perfectly square and centered. 2. **Thermal Management:** The electronic drivers generate heat during high-frequency marking; ensure the housing remains ventilated to prevent "Thermal Drift." 3. **Signal Interference:** Since the signals are high-frequency, shielded cables are required to prevent "ghosting" or "jitter" in the laser path. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between digital and analog drivers for this scanner?
    • ⤷ How do I calibrate the field size for an LM-Z5-R module?
    • ⤷ What power supply specifications are required for a dual-axis galvo setup?