Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LM1882-R

  • AI
    The **LM1882-R** (often categorized under the LM1881/LM1882 family) is a precision monolithic IC designed for **Video Sync Separation**. It is primarily used to extract timing information from a standard composite video signal. --- ## 1. Core Functionality The LM1882-R acts as a "Video Sync Stripper." It takes a complex video signal (NTSC, PAL, or SECAM) and breaks it down into individual timing signals that digital logic or microcontrollers can understand. ### Key Output Signals | Signal | Description | | :--- | :--- | | **Composite Sync** | The raw sync pulse containing both horizontal and vertical data. | | **Vertical Sync** | A pulse triggered by the wide pulses in the vertical interval of the video signal. | | **Burst Gate** | Used for color applications to identify the "color burst" position on the back porch. | | **Odd/Even Output** | Identifies the field in interlaced video signals. | --- ## 2. Technical Specifications Below are the typical operating parameters for the LM1882/LM1881 series: | Parameter | Value | | :--- | :--- | | **Supply Voltage (Vcc)** | 5V to 12V DC | | **Input Voltage** | 0.5V to 2V p-p (Composite Video) | | **Supply Current** | ~5mA to 10mA | | **Operating Temperature** | 0°C to 70°C (Commercial Grade) | | **Package Type** | SOIC-8 or DIP-8 | --- ## 3. Internal Block Diagram Logic The device operates using several internal stages to process the analog signal: 1. **Input Clamp:** Sets the video signal to a fixed DC level so the tips of the sync pulses are at a known voltage. 2. **Sync Separator:** A comparator detects the sync pulses based on a threshold. 3. **Vertical Integrator:** Uses an internal RC network to detect the longer duration of vertical sync pulses compared to horizontal ones. 4. **Logic Shapers:** Squares the pulses into clean CMOS/TTL compatible levels. --- ## 4. Typical Application Circuit To use the LM1882-R, minimal external components are required. ```cpp // Basic Connection Diagram Pin 1: Composite Sync Output -> Microcontroller / FPGA Pin 2: Video Input <- (Connect via 0.1uF Capacitor) Pin 3: Vertical Sync Output -> Microcontroller Pin 4: Ground (GND) <- Common Ground Pin 5: Burst Gate Output -> Color Processing Circuit Pin 6: Rset <- (Connect 680k Ohm Resistor to GND) Pin 7: Odd/Even Output -> Field Detection Logic Pin 8: Vcc <- +5V Power Supply ``` --- ## 5. Common Use Cases * **Video Overlays:** Synchronizing OSD (On-Screen Display) text with a video feed. * **Video Digitizers:** Converting analog video to digital formats. * **Gaming Modding:** Synchronizing RGB monitors with older console signals (Sega, SNES, etc.). * **Security Systems:** Processing analog CCTV camera signals.
    ✨ Follow-up Questions
    • ⤷ What is the purpose of the Rset resistor on Pin 6?
    • ⤷ How does the LM1882 handle non-standard video signals?
    • ⤷ Can this chip be used to convert NTSC to PAL?