LM26CIM5X-RPA
AI

## Overview of the LM26CIM5X-RPA
The **LM26CIM5X-RPA** is a precision, single-chip, factory-programmed **thermostat** (temperature switch) manufactured by Texas Instruments. It is designed to simplify thermal management by providing a digital output that triggers when a specific temperature threshold is reached.
---
### 1. Key Technical Specifications
The "RPA" suffix indicates a specific factory-programmed trip point and hysteresis configuration.
| Parameter | Value / Description |
| :--- | :--- |
| **Function** | Factory-preset Thermostat |
| **Trip Temperature** | Fixed (Varies by sub-model, "RPA" indicates a specific setpoint) |
| **Output Type** | Open-Drain (Active Low) |
| **Supply Voltage Range** | 2.7V to 5.5V |
| **Operating Current** | 16 µA (Typical) |
| **Accuracy** | ±3°C (Maximum) |
| **Package** | SOT-23-5 (Small Outline Transistor) |
| **Hysteresis** | Typically 2°C or 10°C (depending on variant) |
---
### 2. Functional Pins
The LM26 series uses a simple 5-pin layout to minimize PCB footprint.
| Pin Number | Name | Function |
| :--- | :---: | :--- |
| 1 | **HYST** | Hysteresis control input (high or low sets the range) |
| 2 | **GND** | Ground |
| 3 | **T_OUT** | The main thermostat output (Active Low) |
| 4 | **V+** | Power supply input |
| 5 | **US_OUT** | Complementary output (Active High) |
---
### 3. Electronic Features & Operation
#### Internal Reference
The device contains an internal voltage reference and a temperature-dependent voltage source. When the internal voltage (proportional to temperature) crosses the factory-set threshold, the output state changes.
#### Open-Drain Output
The **T_OUT** pin is an open-drain output. This means it acts like a switch to ground. To interface with a microcontroller or a fan controller, a **pull-up resistor** is required to connect T_OUT to the supply voltage.
#### Hysteresis Control
To prevent "chatter" (the output toggling rapidly when the temperature is exactly at the threshold), the device includes hysteresis. By tying the **HYST** pin to $V+$ or $GND$, the user can choose between two predefined temperature offsets.
#### Low Power Consumption
With a typical current draw of only **16 µA**, this part is ideal for battery-powered applications where thermal monitoring is required without draining the source.
---
### 4. Typical Applications
* **Microprocessor Overheating Protection:** Automatically shutting down a system or triggering a cooling fan.
* **Battery Management Systems (BMS):** Monitoring cell temperature during charging.
* **Industrial Controls:** Simple over-temperature alarms.
* **Power Supplies:** Thermal shutdown for high-current DC-DC converters.
---
- ⤷
What is the specific trip temperature for the 'RPA' variant of the LM26?
- ⤷ How do I calculate the required pull-up resistor value for the T_OUT pin?
- ⤷ Can the LM26 be used to control a fan directly without a microcontroller?