Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LM386L-S08-R

  • AI
    ### Overview of the LM386L-S08-R The **LM386L-S08-R** is a popular low-voltage audio power amplifier designed for use in battery-powered consumer applications. The "L" suffix typically denotes a low-voltage variant or lead-free specification, "S08" refers to the SOP-8 package, and "R" stands for "Tape & Reel" packaging. --- ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 4V to 12V (standard) | | **Output Power** | ~250mW to 700mW (depending on $V_{CC}$ and load) | | **Quiescent Current** | 4mA (ideal for battery use) | | **Voltage Gain** | 20 (internal) to 200 (external resistor/capacitor) | | **Package Type** | SOP-8 (Surface Mount) | | **Input Impedance** | 50k$\Omega$ | --- ### 2. Pin Configuration (SOP-8) The LM386 uses an 8-pin layout to manage power, input, and gain control: | Pin Number | Name | Function | | :---: | :--- | :--- | | 1 | Gain | Gain adjustment pin (coupled with Pin 8) | | 2 | - Input | Inverting input | | 3 | + Input | Non-inverting input | | 4 | GND | Ground | | 5 | Vout | Amplified audio output | | 6 | Vs | Positive supply voltage | | 7 | Bypass | Decoupling point for power supply noise | | 8 | Gain | Gain adjustment pin (coupled with Pin 1) | --- ### 3. Core Features * **Low Quiescent Power Drain:** Draws very little current when no signal is present, extending battery life. * **Self-Biasing:** The inputs are ground-referenced, meaning you don't need complex biasing circuits. * **Adjustable Gain:** By default, the gain is set to 20. Adding a 10µF capacitor between Pin 1 and Pin 8 increases the gain to 200. * **Low Distortion:** Provides clear audio amplification for small speakers. --- ### 4. Typical Application Circuit To use the LM386 as a basic amplifier, you can follow this logic: ```c // Circuit Logic Connection Input Signal -> Pin 3 (+ Input) GND -> Pin 2 (- Input) & Pin 4 Vcc (Battery) -> Pin 6 Output (Pin 5) -> 250uF Capacitor -> 8 Ohm Speaker Gain Control -> 10uF Capacitor between Pin 1 and Pin 8 (for max gain) ``` --- ### 5. Common Use Cases 1. **AM-FM Radio Amplifiers:** Used in portable radio receivers. 2. **Portable Music Players:** Small battery-operated speakers. 3. **Intercoms:** Simple two-way communication devices. 4. **Signal Generators:** Amplifying wave outputs from microcontrollers (like Arduino).
    ✨ Follow-up Questions
    • ⤷ How do I increase the gain from 20 to 200 on this chip?
    • ⤷ What is the difference between the LM386L and the standard LM386?
    • ⤷ Can this chip drive a 4-ohm speaker safely?