Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LM393D

  • AI
    The **LM393D** is a widely used, low-power, dual-voltage comparator integrated circuit (IC). It consists of two independent precision voltage comparators designed to operate from a single power supply over a wide range of voltages. --- ### 1. Key Specifications The LM393D is known for its versatility and low cost. Below are the primary technical parameters: | Parameter | Specification | | :--- | :--- | | **Supply Voltage (Single)** | 2V to 36V | | **Supply Voltage (Dual)** | ±1V to ±18V | | **Current Drain** | 0.4 mA (Independent of supply voltage) | | **Input Offset Voltage** | ±2.0 mV (Typical) | | **Output Type** | Open Collector | | **Package Type** | SOIC-8 (Surface Mount) | --- ### 2. Pin Configuration (SOIC-8) The LM393D contains two comparators (A and B) within a single 8-pin package. | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | OUT A | Output of Comparator A | | 2 | IN A (-) | Inverting Input of Comparator A | | 3 | IN A (+) | Non-inverting Input of Comparator A | | 4 | GND | Ground / Negative Supply | | 5 | IN B (+) | Non-inverting Input of Comparator B | | 6 | IN B (-) | Inverting Input of Comparator B | | 7 | OUT B | Output of Comparator B | | 8 | Vcc | Positive Power Supply | --- ### 3. Critical Design Considerations #### Open Collector Output The LM393D features an **Open Collector** output. This means it can "sink" current to ground but cannot "source" voltage on its own. * **Requirement:** You **must** use an external **pull-up resistor** connected between the Output pin and Vcc (or another logic level) to get a "High" signal. * **Advantage:** This allows for "Wired-OR" logic connections and level shifting between different logic voltages (e.g., 5V logic to 12V logic). #### Input Common-Mode Range The input common-mode voltage range includes Ground, even when operated from a single supply. This makes it ideal for sensing signals near 0V. --- ### 4. Common Applications * **Limit Comparators:** Checking if a sensor voltage exceeds a threshold. * **Zero-Crossing Detectors:** Detecting when an AC signal crosses 0V. * **Square Wave Generators:** Creating oscillators with minimal components. * **Battery Level Monitors:** Triggering an LED or alarm when battery voltage drops. --- ### 5. Simple Usage Logic The operation follows a simple rule: 1. If **Non-Inverting Input (+)** > **Inverting Input (-)**: Output is **High Impedance** (pulled HIGH by the external resistor). 2. If **Non-Inverting Input (+)** < **Inverting Input (-)**: Output is **LOW** (connected to GND).
    ✨ Follow-up Questions
    • ⤷ What is the recommended value for the pull-up resistor in an LM393D circuit?
    • ⤷ Can the LM393D be used as an Operational Amplifier (Op-Amp)?
    • ⤷ How does the LM393D differ from the LM311 comparator?