Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LM393L-S08-R

  • AI
    ### Overview of the LM393L-S08-R The **LM393L-S08-R** is a specific variant of the widely used LM393 series. It is a **dual independent precision voltage comparator**. The "L" suffix typically denotes a "Lead-free/RoHS compliant" version, and "S08-R" refers to the package type (SOP-8) and packing (Tape & Reel). --- ### 1. Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Supply Voltage (Single)** | +2.0V to +36V | | **Supply Voltage (Dual)** | ±1.0V to ±18V | | **Drain Current** | 0.4 mA (Low power consumption) | | **Input Offset Voltage** | ±5.0 mV (Maximum) | | **Output Type** | Open Collector | | **Package Type** | SOP-8 (Small Outline Package) | --- ### 2. Internal Block Diagram & Pinout The LM393 contains two independent operational amplifiers designed specifically to function as comparators. * **Pin 1:** Output 1 * **Pin 2:** Inverting Input 1 (-) * **Pin 3:** Non-inverting Input 1 (+) * **Pin 4:** GND (or Negative Supply) * **Pin 5:** Non-inverting Input 2 (+) * **Pin 6:** Inverting Input 2 (-) * **Pin 7:** Output 2 * **Pin 8:** Vcc (Positive Supply) --- ### 3. Electronic Characteristics #### A. Open-Collector Output The output stage of the LM393L is an **Open-Collector**. This means it does not have an internal pull-up resistor. * **Requirement:** You must use an external pull-up resistor (typically 1kΩ to 10kΩ) to connect the output to the desired logic voltage level. * **Benefit:** This allows for "wired-OR" connections and interfacing between different logic levels (e.g., a 5V supply for the chip but a 3.3V pull-up for a microcontroller). #### B. Common-Mode Input Range The input common-mode voltage range includes ground (0V), even when operated from a single supply voltage. This makes it ideal for sensing signals near 0V. #### C. Low Power Consumption The device is optimized for battery-operated systems, drawing very little current regardless of the supply voltage. --- ### 4. Typical Application Circuit Below is a simple code-like representation of how a threshold detector is wired: ```text Vcc (+5V) ------- [ Pull-up Resistor ] ------- Output (Pin 1) | +---- To MCU Input Ref Voltage (2.5V) ---- Pin 2 (Inverting Input) Sensor Signal --------- Pin 3 (Non-inverting Input) GND ------------------- Pin 4 ``` --- ### 5. Common Use Cases 1. **Level Detectors:** Comparing a sensor voltage against a reference. 2. **Zero-Crossing Detectors:** Identifying when an AC signal passes through 0V. 3. **Square Wave Generators:** Using feedback to create oscillators. 4. **Battery Monitors:** Triggering an LED or alarm when voltage drops below a threshold. ---
    ✨ Follow-up Questions
    • ⤷ Why is a pull-up resistor necessary for the LM393L output?
    • ⤷ What is the difference between an LM393 and a standard Op-Amp like the LM358?
    • ⤷ Can the LM393L be powered by a single 3.3V supply?