Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LMC1003A-R3

  • AI
    The **LMC1003A-R3** is a high-performance industrial media converter manufactured by Black Box. Its primary electronic function is to bridge the gap between copper-based Ethernet networks and fiber-optic cabling. ### 1. Key Electronic Components and Architecture The device is built using industrial-grade semiconductors designed for durability and signal integrity. | Component | Description | | :--- | :--- | | **Ethernet Controller** | A PHY (Physical Layer) chip that handles 10/100/1000 Mbps auto-negotiation. | | **SFP Slot** | A Small Form-factor Pluggable interface that allows for interchangeable fiber transceivers (LC, SC, etc.). | | **Voltage Regulator** | Internal DC-to-DC converters that stabilize input power (typically 5VDC) for sensitive logic gates. | | **Isolation Transformer** | Protects the copper RJ-45 port from electromagnetic interference (EMI) and power surges. | --- ### 2. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Copper Port** | 1x RJ-45 (10/100/1000Base-T) | | **Fiber Port** | 1x SFP Slot (Supports Multimode or Singlemode) | | **Power Input** | 5 VDC, 1.5 A (External barrel connector) | | **Standards** | IEEE 802.3, 802.3u, 802.3ab, 802.3z | | **MTBF** | High reliability (Mean Time Between Failures) for 24/7 operation | --- ### 3. Electronic Features and Logic The LMC1003A-R3 includes specific logic circuits to manage network stability: * **LinkLoss™ and FiberAlert™:** Electronic monitoring circuits that detect if a cable is cut. If the fiber link fails, the device can "force" the copper link down to alert the connected switch of a path failure. * **Auto-MDI/MDI-X:** Electronic sensing on the RJ-45 port that automatically detects whether a straight-through or crossover cable is being used. * **Store-and-Forward Logic:** The internal buffer processes entire data frames to check for errors before re-transmitting them, preventing the propagation of "runt" packets or collisions. ### 4. Hardware Configuration (DIP Switches) The device features physical DIP switches on the chassis that manually override the electronic logic: ```text Switch 1: Link Propagation (Enable/Disable) Switch 2: Fiber Speed (100Mbps vs 1000Mbps) Switch 3: Full/Half Duplex settings ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between LinkLoss and FiberAlert in this model?
    • ⤷ Does the LMC1003A-R3 support Power over Ethernet (PoE)?
    • ⤷ Which SFP modules are compatible with the LMC1003A-R3?