Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LMC100A-SC-R2

  • AI
    ## LMC100A-SC-R2: Electronic Component Overview The **LMC100A-SC-R2** is a compact, high-performance **Media Converter** manufactured by Black Box. Its primary electronic function is to bridge the gap between copper-based Ethernet networks and fiber-optic networks. --- ### 1. Key Technical Specifications The device utilizes specific electronic interfaces to handle signal conversion: | Component Feature | Specification | | :--- | :--- | | **Copper Interface** | 10/100 Mbps RJ-45 (Auto-MDI/MDI-X) | | **Fiber Interface** | 100 Mbps SC Multi-Mode | | **Wavelength** | 1310 nm | | **Maximum Distance** | Up to 2 km (1.2 miles) | | **Power Input** | 5 VDC, typically via an external AC adapter | | **Operating Temp** | 0 to 50°C (32 to 122°F) | --- ### 2. Core Electronic Components & Functions The internal circuitry of the LMC100A-SC-R2 consists of several critical stages: #### A. The Transceiver (Fiber Optics) The "SC" in the model name refers to the **Subscriber Connector**. Electronically, this part contains: * **TOSA (Transmitter Optical Sub-Assembly):** Converts electrical impulses from the copper side into light pulses using a LED or Laser diode. * **ROSA (Receiver Optical Sub-Assembly):** Uses a photodiode to detect incoming light pulses and convert them back into electrical signals. #### B. The PHY (Physical Layer) Chip The heart of the device is an Integrated Circuit (IC) that manages the **Ethernet Physical Layer**. It handles: * **Auto-Negotiation:** Determining the speed (10 or 100 Mbps) and duplex mode of the connected copper device. * **Signal Regeneration:** Cleaning up distorted electrical signals before passing them to the fiber stage. #### C. Power Regulation Circuitry Since the device operates on a low-voltage DC input (5V), the internal PCB contains: * **Voltage Regulators:** To ensure stable power to the sensitive optical components. * **Protection Diodes:** To prevent damage from reverse polarity or minor power surges. --- ### 3. Functional Features * **Link Fault Pass-Through (LFP):** A specialized circuit logic that notifies the other end of the link if one side fails. This prevents "silent" link failures. * **Diagnostic LEDs:** Integrated indicators for monitoring: * **PWR:** Power status. * **LNK/ACT:** Ethernet link and activity. * **FDX:** Full-duplex mode status.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Single-Mode and Multi-Mode fiber in these converters?
    • ⤷ How does the Link Fault Pass-Through (LFP) feature improve network reliability?
    • ⤷ Can this device be mounted in a rack chassis or is it standalone only?