Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LMC1608TP-R10G

  • AI
    # Technical Overview: LMC1608TP-R10G The **LMC1608TP-R10G** is a high-frequency multilayer ceramic chip inductor. These components are critical in RF (Radio Frequency) circuits for filtering, impedance matching, and resonance. --- ## 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the component: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **LMC** | Series | Multilayer Ceramic Chip Inductor | | **1608** | Case Size | 1.6mm x 0.8mm (EIA 0603) | | **TP** | Packaging | Tape and Reel (Standard) | | **R10** | Inductance Value | 0.10 µH (or 100 nH) | | **G** | Tolerance | ±2% (High Precision) | --- ## 2. Key Electrical Specifications Below are the typical technical parameters for this specific part: * **Inductance:** 100 nH (0.10 µH) * **Tolerance:** ±2% (indicated by the 'G' suffix) * **Quality Factor (Q):** Typically high at specific frequencies to ensure low signal loss. * **Self-Resonant Frequency (SRF):** The frequency at which the part ceases to behave as an inductor. For 100nH in this size, it is usually in the range of **800 MHz to 1.2 GHz**. * **DC Resistance (DCR):** Low resistance to minimize power dissipation. * **Rated Current:** The maximum current the part can handle without overheating (usually between 100mA and 300mA for this size). --- ## 3. Construction and Material The **LMC series** uses a multilayer process: 1. **Ceramic Material:** Utilizes low-loss ceramic integrated with internal conductive patterns. 2. **Electrodes:** Terminations are typically silver (Ag) or copper (Cu) with a nickel (Ni) and tin (Sn) plating for excellent solderability. 3. **Monolithic Structure:** Provides high reliability and excellent magnetic shielding compared to wire-wound inductors. --- ## 4. Typical Applications This component is commonly found in the following circuits: * **Mobile Communication:** Cell phones (GSM, LTE, 5G modules). * **WLAN/Bluetooth:** Matching circuits for antennas to ensure maximum power transfer. * **High-Frequency Oscillators:** Used to set specific frequencies in VCOs. * **EMI Suppression:** Filtering high-frequency noise in sensitive signal lines. --- ## 5. Comparison: Ceramic vs. Ferrite Inductors | Feature | Ceramic (LMC1608) | Ferrite Core | | :--- | :--- | :--- | | **Frequency Range** | Very High (GHz range) | Low to Medium (MHz range) | | **Inductance Value** | Lower (nH range) | Higher (µH to mH range) | | **Q-Factor** | High at RF frequencies | Low at RF frequencies | | **Saturation** | No magnetic saturation | Prone to saturation |
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 2% tolerance in RF matching circuits?
    • ⤷ How does the 0603 package size affect heat dissipation compared to 0402?
    • ⤷ What is the typical Self-Resonant Frequency for a 100nH multilayer inductor?