Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LMC1608TP-R12G

  • AI
    The **LMC1608TP-R12G** is a high-frequency multilayer ceramic chip inductor. It is commonly used in RF (Radio Frequency) circuits for matching, resonance, and filtering. --- ### 1. Technical Specifications The alphanumeric code provides specific details about the component's physical and electrical properties: | Parameter | Value | Description | | :--- | :--- | :--- | | **Inductance** | 120 nH | Measured at 100MHz | | **Tolerance** | ±2% (G) | High precision for RF tuning | | **Case Size** | 1608 (metric) | Equivalent to **0603** (inch) | | **DC Resistance (DCR)** | 1.30 Ω (Max) | Internal resistance of the coil | | **Rated Current** | 150 mA | Maximum continuous current | | **Self-Resonant Freq.** | 700 MHz | Frequency where it ceases to be an inductor | | **Material** | Ceramic | Multilayer technology for high-frequency stability | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying equivalent parts: 1. **LMC**: Series prefix (typically High-Q Multilayer Chip Inductor). 2. **1608**: Dimensions (1.6mm x 0.8mm). 3. **TP**: Packaging code (usually Taping and Reeling). 4. **R12**: Inductance value ($R = \text{decimal point}$). $0.12\mu H$ or $120nH$. 5. **G**: Tolerance code ($\pm 2\%$). --- ### 3. Key Applications Because this is a ceramic-core inductor (rather than ferrite), it is designed for **High-Frequency/Low-Loss** applications where signal integrity is critical: * **RF Impedance Matching:** Used in the front-end of smartphones and Wi-Fi modules to match antenna impedance. * **VCO Circuits:** Used in Voltage Controlled Oscillators to stabilize frequency. * **PA Modules:** Integrated into Power Amplifier modules for mobile communication. * **Filter Design:** Employed in Low-Pass and Band-Pass filters to remove noise from high-speed data lines. --- ### 4. Handling and Soldering Since this is an SMD (Surface Mount Device) component in a 0603/1608 package, the following should be noted: ```markdown * Reflow Soldering: Recommended for best attachment. * Thermal Shock: Ceramic bodies are sensitive; follow standard JEDEC profiles. * Storage: MSL 1 (Moisture Sensitivity Level) is common, but check specific manufacturer datasheets for shelf life. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between ceramic and ferrite core inductors in RF circuits?
    • ⤷ How does the self-resonant frequency (SRF) affect the choice of this part?
    • ⤷ Can I substitute a ±5% tolerance part for this ±2% component?