Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LMC212A-MM-SC-R2

  • AI
    The **LMC212A-MM-SC-R2** is a high-performance industrial media converter manufactured by Black Box. Its primary function is to transparently connect 10/100/1000 Mbps copper Ethernet segments to 1000 Mbps fiber optic segments. --- ### ## Technical Specifications The internal electronics and ports of this device are designed for high-speed data conversion and environmental durability. | Feature | Specification | | :--- | :--- | | **Copper Port** | 1x RJ-45 (10/100/1000Base-T) | | **Fiber Port** | 1x SC Connector (1000Base-SX) | | **Fiber Type** | Multimode (MM) | | **Wavelength** | 850 nm | | **Maximum Distance** | Up to 550 meters (1804 ft) | | **Power Input** | 5 VDC, 1.0 A (Barrel Jack) | | **Operating Temp** | 0 to 50° C (32 to 122° F) | --- ### ### Core Electronic Components & Features The device utilizes specific integrated circuits (ICs) and hardware logic to manage the transition between electrical and optical signals: 1. **Auto-Negotiation Logic:** The copper side features an internal controller that automatically senses the speed (10, 100, or 1000 Mbps) and duplex mode (Half or Full) of the connected device. 2. **MDI/MDI-X Detection:** The RJ-45 interface includes electronic sensing to automatically detect if a straight-through or crossover cable is being used, eliminating the need for toggle switches. 3. **Link Fault Pass-Through (LFP):** This is a critical electronic feature that monitors both the fiber and copper segments. If the link fails on one side, the converter electronically "drops" the link on the other side, alerting the network switch to the failure immediately. 4. **Status LEDs:** The front panel contains diagnostic LEDs driven by the internal logic board: * **PWR:** Power status. * **LNK/ACT:** Link and Activity for both Copper and Fiber. * **FDX:** Full-Duplex mode indicator. --- ### ### Connection Schematic The following represents the flow of data through the electronic components: ```text [RJ-45 Copper] <--> [Ethernet PHY] <--> [Media Conversion Logic] <--> [Optical Transceiver] <--> [SC Fiber] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption of the LMC212A-MM-SC-R2?
    • ⤷ Does this model support Jumbo Frames?
    • ⤷ Can I use Single-mode fiber with this specific SC-R2 unit?