Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LMS-5W5-R

  • AI
    The **LMS-5W5-R** is a specific electronic component, typically categorized as a **Non-Isolated DC-DC Buck Converter (Step-Down) Module**. It is designed to convert a higher input voltage into a stable, lower output voltage with high efficiency. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the LMS-5W5-R: | Parameter | Value / Range | | :--- | :--- | | **Input Voltage Range** | 7V to 28V DC | | **Output Voltage** | 5V DC (Fixed) | | **Max Output Current** | 500mA (0.5A) | | **Efficiency** | Up to 90% | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | SIP (Single In-line Package) - 3 Pins | --- ### 2. Functional Description The LMS-5W5-R serves as a modern, high-efficiency replacement for traditional linear regulators like the **LM7805**. #### Core Components & Technology: * **Switching Controller:** Unlike linear regulators that dissipate excess voltage as heat, this module uses high-frequency switching to transfer energy. * **Integrated Inductor:** The module contains a small internal inductor used to store energy during the switching cycle. * **Protective Circuitry:** Usually includes short-circuit protection and thermal shutdown to prevent damage during fault conditions. --- ### 3. Pin Configuration The device usually follows a standard 3-pin layout, making it pin-compatible with TO-220 linear regulators: 1. **VIN (Input):** Unregulated DC input voltage. 2. **GND (Ground):** Common ground for both input and output. 3. **VOUT (Output):** Regulated 5V DC output. --- ### 4. Advantages over Linear Regulators | Feature | LMS-5W5-R (Switching) | LM7805 (Linear) | | :--- | :--- | :--- | | **Heat Dissipation** | Very Low; usually requires no heatsink. | High; requires a heatsink for high current. | | **Efficiency** | ~90% | ~40-60% (depending on input voltage). | | **Size** | Compact, all-in-one module. | Requires external capacitors and bulky heatsinks. | --- ### 5. Common Applications * **Battery-Powered Devices:** Extending battery life by reducing wasted energy. * **Industrial Control:** Providing stable logic power from a 24V rail. * **Microcontrollers:** Powering Arduino, ESP32, or sensors from automotive (12V) or industrial power sources.
    ✨ Follow-up Questions
    • ⤷ What is the maximum ripple voltage for the LMS-5W5-R?
    • ⤷ Can this module be used in parallel to increase output current?
    • ⤷ How does its footprint compare to a standard TO-220 package?