Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LMS-AA-R/Q

  • AI
    The **LMS-AA-R/Q** series refers to specific high-performance **Linear Magnetic Encoders** (often associated with brands like Magnescale or similar industrial sensing systems). These components are designed for high-resolution position feedback in CNC machinery and automation. --- ### 1. Core Electronic Architecture The system consists of two primary electronic units that work in tandem to translate physical movement into digital data. | Component | Function | Key Electronic Features | | :--- | :--- | :--- | | **Magnetic Scale** | The physical track. | Consists of a magnetic material encoded with a precise North-South pole pattern. | | **Reading Head** | The sensor unit. | Contains MR (Magneto-Resistive) elements or Hall-effect sensors to detect field changes. | | **Processing PCB** | Signal conditioning. | Integrated circuits that amplify weak analog signals and convert them to digital pulses. | --- ### 2. Key Technical Specifications The "R" and "Q" designations often refer to the output signal type or the physical orientation of the read head. * **Signal Output:** Usually **A/B Phase Quadrature** (RS-422 compliant) or **1Vpp Sin/Cos** analog signals. * **Resolution:** Typically ranges from **0.1µm to 5µm**, depending on the interpolation electronics. * **Interface:** Differential line driver output to ensure noise immunity over long cable runs. * **Power Supply:** Generally operates on **5V DC ±5%**. --- ### 3. Electronic Signal Breakdown The electronics within the LMS-AA-R/Q process signals through the following stages: 1. **Detection:** The Magneto-Resistive sensor detects the magnetic gradient. 2. **Interpolation:** An internal ASIC (Application-Specific Integrated Circuit) divides the basic magnetic pitch into smaller increments (e.g., dividing an 80µm pitch into 1µm steps). 3. **Error Correction:** Compensation circuitry adjusts for signal DC offset and phase shifts caused by temperature or mounting tolerances. 4. **Output Driver:** A differential driver (like the AM26LS31) sends the signal to the PLC or CNC controller. --- ### 4. Wiring and Pinout (General) The electronic connection usually involves a shielded cable with the following standard color-coding or pin functions: ```yaml Pin 1: +5V Power Supply Pin 2: 0V (GND) Pin 3: A+ (Cosine +) Pin 4: A- (Cosine -) Pin 5: B+ (Sine +) Pin 6: B- (Sine -) Pin 7: Z+ (Reference Mark) Pin 8: Z- (Reference Mark) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q versions in terms of output signals?
    • ⤷ How do magnetic encoders compare to optical encoders in harsh environments?
    • ⤷ What are the common troubleshooting steps for a signal loss in the LMS-AA series?