Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LMS-B3-R

  • AI
    The **LMS-B3-R** refers to a specific series of **Low-Profile Linear Magnetic Encoders** (often associated with brands like Renishaw or similar motion control manufacturers). These parts are designed for high-precision position feedback in automation and CNC machinery. Below is an explanation of the electronic components and functional characteristics of the LMS-B3-R system. ### 1. System Overview The LMS-B3-R system consists of two primary electronic elements working in tandem to provide spatial data to a controller (PLC or CNC). | Component | Function | | :--- | :--- | | **Readhead (LMS-B3-R)** | The active electronic sensor that moves along the scale. | | **Magnetic Scale** | The passive reference track (usually a magnetized tape). | | **Interface/Cable** | Transmits signals and handles power distribution. | --- ### 2. Core Electronic Specifications The "B3" and "R" designations typically refer to the resolution and the reference mark capabilities. * **Sensing Technology:** Uses **Hall Effect** sensors or Magnetoresistive (MR) arrays to detect the polarity changes in the magnetic tape. * **Output Signal:** Generally provides **RS-422 Digital Differential Line Driver** signals (A, B, Z phases). This ensures high noise immunity over long cable runs. * **Resolution:** Typically ranges from **1 $\mu$m to 5 $\mu$m**, depending on the internal interpolation electronics. * **Reference Mark (The "R"):** The "R" usually indicates an integrated **Reference Mark** sensor, allowing the machine to find a "Home" or "Zero" position electronically. --- ### 3. Electrical Connections The device typically utilizes a multi-core shielded cable. The pinout generally follows industrial standards for incremental encoders: ```yaml Pin/Color | Signal | Description ----------|----------|----------------------- Red | 5V / VCC | Power Supply (Typically 5V DC) Black | 0V / GND | Ground White | A+ | Incremental Channel A Green | A- | Inverted Channel A Yellow | B+ | Incremental Channel B Blue | B- | Inverted Channel B Brown | Z+ | Reference Mark (Index) Orange | Z- | Inverted Reference Mark ``` --- ### 4. Key Electronic Features 1. **Interpolation:** The internal circuitry converts the analog sine/cosine waves from the magnetic sensors into square-wave digital pulses. 2. **Protection:** Most units feature **IP67 electronics**, meaning the internal PCB is encapsulated in resin to protect against coolant, oil, and dust. 3. **Speed vs. Frequency:** The electronics support high-speed movement (up to 5-10 m/s), provided the receiving controller can handle the output frequency (MHz range). --- ### 5. Application Integration Because the LMS-B3-R is a **non-contact** electronic part, it eliminates mechanical wear. It is commonly interfaced with: * Digital Readouts (DRO) * Servo Drive Feedback loops * Linear Motor commutation systems
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating frequency for the LMS-B3-R digital output?
    • ⤷ How does the magnetic scale pitch affect the resolution of this encoder?
    • ⤷ Is the LMS-B3-R compatible with 24V PLC high-speed counter inputs?