Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LMS-BA-R

  • AI
    The **LMS-BA-R** is a high-performance, long-range laser measurement sensor commonly used in industrial automation, logistics, and security. It operates on the **Time-of-Flight (ToF)** principle. Below is a detailed breakdown of its electronic components and functional architecture. --- ## 1. Core Electronic Components The device integrates optical, processing, and communication hardware into a ruggedized housing. | Component Group | Key Electronics | Function | |:---|:---|:---| | **Optical Engine** | Laser Diode (Infrared) | Emits pulsed laser light at specific wavelengths. | | **Detection Unit** | Avalanche Photodiode (APD) | Highly sensitive receiver that detects reflected photons. | | **Processing Unit** | FPGA / DSP | High-speed processing of signal timing and distance calculation. | | **Scanning Mechanism** | Brushless DC Motor & Encoder | Rotates the mirror to create a 2D/3D field of view. | | **I/O Interface** | Industrial Controller | Manages Ethernet, RS-232/422, and Digital I/O. | --- ## 2. Signal Processing Path The electronic workflow of the LMS-BA-R follows these specific stages: 1. **Pulse Generation:** The laser driver triggers the laser diode to emit a nanosecond-scale pulse. 2. **Time Measurement:** A high-precision internal clock starts the moment the pulse is emitted. 3. **Photon Detection:** The APD converts the returning light into an electrical signal. 4. **Signal Amplification:** A Transimpedance Amplifier (TIA) boosts the weak signal from the APD while minimizing noise. 5. **Distance Calculation:** The DSP calculates the distance ($d$) using the formula: $$d = \frac{c \cdot t}{2}$$ *(Where $c$ is the speed of light and $t$ is the time of flight)*. --- ## 3. Connectivity and Power Specifications The LMS-BA-R is designed for industrial environments, requiring robust electrical protection. ### Electrical Characteristics * **Operating Voltage:** Typically 24V DC (Standard Industrial range 18V - 30V). * **Power Consumption:** Average 20W to 60W (depending on internal heating elements for outdoor use). * **Protection Circuitry:** Built-in surge protection, reverse polarity protection, and electromagnetic interference (EMI) shielding. ### Interface Table | Interface | Type | Purpose | |:---|:---|:---| | **Ethernet** | TCP/IP (M12 Connector) | High-speed raw data transmission and configuration. | | **Serial** | RS-232 / RS-422 | Legacy system integration and diagnostic access. | | **Digital I/O** | Opto-isolated Inputs/Outputs | Triggering alarms or receiving sync pulses from encoders. | --- ## 4. Scanning & Mechanical Electronics To achieve its wide field of view, the electronic control system manages a rotating mirror assembly: * **Motor Controller:** A closed-loop PID controller maintains a constant rotational speed (typically 25Hz to 50Hz). * **Optical Encoder:** Provides high-resolution angular feedback so the sensor knows exactly which direction the laser is pointing for each distance point. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum measurement range of the LMS-BA-R sensor?
    • ⤷ How does the sensor handle environmental noise like rain or fog electronically?
    • ⤷ Can the LMS-BA-R be integrated with ROS (Robot Operating System)?