Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LMS-BC-R

  • AI
    The **LMS-BC-R** is typically a component within specialized sensor or laser measurement systems (often associated with SICK or similar industrial automation brands). It primarily functions as a **Base Connector** or **Communication Module** for laser measurement sensors. Below is the technical breakdown of its electronic parts and functions. --- ### 1. Core Electronic Components The LMS-BC-R acts as the bridge between the high-speed optical scanning unit and the external control system (PLC or PC). | Component | Description | Function | | :--- | :--- | :--- | | **I/O Interface** | Multi-pin industrial connectors (M12 or D-Sub) | Handles power input and signal output. | | **Protection Circuitry** | Varistors and Transient Voltage Suppressors (TVS) | Protects the internal sensor electronics from voltage spikes/surges. | | **Communication Bridge** | RS-232 / RS-422 or Ethernet Transceivers | Converts internal sensor data into serial or network-capable protocols. | | **Status LEDs** | Light Emitting Diodes (Power, Error, Data) | Provides visual diagnostics of the electrical state. | --- ### 2. Functional Specification The "BC-R" designation usually refers to **Base Connector - Rear** or a specific **Bus Connection** configuration. * **Power Management:** It regulates the incoming 24V DC (standard industrial voltage) to the specific lower voltages required by the internal laser diode and processing chipsets. * **Signal Conditioning:** It filters electromagnetic interference (EMI) to ensure the data stream from the laser head remains "clean" as it travels through the cabling. * **Mechanical Integration:** From an electronic standpoint, it provides the physical termination point for shielded cables to ensure proper grounding (Earthing). --- ### 3. Wiring and Connectivity Most LMS-BC-R units utilize standardized pinouts to facilitate integration into industrial cabinets. ```yaml Pin Configuration (Typical): - Pin 1: DC 24V (Supply) - Pin 2: GND (Ground) - Pin 3: Data + (RS-422/Ethernet) - Pin 4: Data - (RS-422/Ethernet) - Pin 5: Functional Earth / Shield ``` --- ### 4. Application Context These parts are essential in environments where the sensor head (LMS) must be replaced without rewiring the entire system. The BC-R allows the "smart" part of the sensor to be disconnected while the electrical base remains mounted.
    ✨ Follow-up Questions
    • ⤷What are the specific voltage requirements for the LMS-BC-R?
    • ⤷ How do I troubleshoot a 'No Signal' error on this connector?
    • ⤷ Is the LMS-BC-R compatible with Ethernet-based PLC systems?