Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LMS-BG-R

  • AI
    The **LMS-BG-R** is a high-precision, industrial-grade Laser Measurement System typically utilized in logistics, automation, and profile detection. Its electronic architecture is designed to handle high-speed data processing and harsh environmental conditions. --- ### 1. Core Electronic Components The system is composed of several key electronic subsystems that work in tandem to capture and transmit spatial data. | Component | Function | Technology Used | | :--- | :--- | :--- | | **Laser Diode** | Emits the light source for distance measurement. | Class 1 Eye-Safe Infrared Laser | | **Photodiode Receiver** | Captures reflected light pulses. | High-sensitivity Avalanche Photodiode (APD) | | **Scanning Motor** | Rotates the mirror assembly to provide field of view. | Brushless DC (BLDC) Motor | | **Processing Unit** | Calculates "Time of Flight" (ToF) and coordinates. | High-speed FPGA or DSP | | **Interface Controller** | Manages external communication and power. | Ethernet / RS-232 / I/O Logic | --- ### 2. Key Electronic Features #### A. Time-of-Flight (ToF) Processing The electronic "brain" of the LMS-BG-R measures the time it takes for a laser pulse to travel to an object and back. Because light travels at ~300,000 km/s, the internal electronics use high-frequency clocking to resolve distances down to millimeter precision. #### B. Multi-Echo Technology The digital signal processing (DSP) in these units is capable of evaluating multiple reflections (echoes) from a single pulse. This allows the electronics to filter out environmental noise such as: * Dust or fog. * Rain. * Transparent glass surfaces. #### C. Power Management The device typically operates on **24V DC**. Internal voltage regulators convert this into the specific levels required for the sensitive laser driver and the high-speed logic circuits. --- ### 3. Connection and Integration Ports The electronic interface usually consists of standardized industrial connectors: ```yaml # Interface Specification Example Power_Supply: 24V DC +/- 20% Power_Consumption: Approx. 10W - 20W Data_Output: 100 Mbit/s Ethernet (TCP/IP) Switching_Outputs: PNP/NPN configurable Synchronization: Trigger Input / Sync Output ``` ### 4. Environmental Protection Electronics The LMS-BG-R includes internal heating elements and temperature sensors. These electronic parts ensure that the internal components remain within their operational temperature range, preventing condensation on the optical lenses and maintaining clock stability in the timing circuits.
    ✨ Follow-up Questions
    • ⤷ What are the specific communication protocols supported by the LMS-BG-R?
    • ⤷ How does the multi-echo technology improve measurement accuracy in dusty environments?
    • ⤷ What is the typical scanning frequency and angular resolution of this model?