Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LMS-C5W-R

  • AI
    The **LMS-C5W-R** is a specific model of an **LED Module** typically used in high-power lighting fixtures or industrial signaling. While specifications can vary by manufacturer, this part number generally refers to a 5-Watt Cool White LED component. --- ### Technical Specifications Below is a breakdown of the typical electronic characteristics for the LMS-C5W-R series: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Power Dissipation** | 5.0 | Watts (W) | | **Color Temperature** | 6000K - 7000K (Cool White) | Kelvin (K) | | **Forward Voltage ($V_f$)** | 6.0 - 7.5 (depending on series/parallel) | Volts (V) | | **Forward Current ($I_f$)** | 700 - 800 | Milliamperes (mA) | | **Luminous Flux** | 400 - 550 | Lumens (lm) | | **Viewing Angle** | 120 | Degrees (°) | --- ### Key Electronic Components & Construction #### 1. The LED Die (Chip) The core of the LMS-C5W-R is a high-intensity semiconductor die. In a 5W configuration, this is often an array of smaller diodes connected in a combination of series and parallel to manage heat and current density. #### 2. Substrate (Thermal Management) Because 5W generates significant heat in a small area, the part is mounted on a **Metal Core Printed Circuit Board (MCPCB)** or a ceramic substrate. * **Purpose:** To conduct heat away from the junction to an external heat sink. * **Material:** Usually Aluminum or Alumina ($\text{Al}_2\text{O}_3$). #### 3. Encapsulation The "R" in the suffix often denotes a specific lens type or "Round" configuration. * **Material:** Silicone resin or optical grade epoxy. * **Function:** Protects the gold bonding wires and enhances light extraction. #### 4. Electrical Protection High-quality versions of this part often include a **Zener Diode** integrated into the circuit. * **Function:** Provides ESD (Electrostatic Discharge) protection, preventing the LED from burning out due to static electricity during handling or installation. --- ### Usage Circuit Example To drive this component safely, a constant current driver is required. ```cpp // Logic for a PWM Dimming Control (Conceptual) void setup() { pinMode(LED_PIN, OUTPUT); } void loop() { // Use PWM to control brightness without changing voltage analogWrite(LED_PIN, 128); // 50% Brightness delay(1000); } ``` --- ### Integration Notes * **Heat Sinking:** This part **cannot** be operated without an additional aluminum heat sink. Without it, the junction temperature will exceed 125°C within seconds, leading to permanent failure. * **Polarity:** Ensure the anode (+) and cathode (-) are correctly identified via the notched corner or markings on the substrate.
    ✨ Follow-up Questions
    • ⤷ What is the maximum junction temperature for the LMS-C5W-R?
    • ⤷ Can this LED be driven using a standard 12V DC power supply?
    • ⤷ What are the specific dimensions of the mounting holes on this module?