Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LMS-D5-R/Q

  • AI
    The **LMS-D5-R/Q** series refers to high-performance laser distance sensors, typically manufactured by companies like **Leuze electronic**. These devices are designed for precision measurement and detection using Time-of-Flight (ToF) or phase-shift technology. --- ### 1. Core Electronic Components The internal architecture of these sensors consists of several critical subsystems: | Component | Function | | :--- | :--- | | **Laser Diode** | Emits a modulated infrared or visible red light beam toward the target. | | **Photodiode / Receiver** | A high-sensitivity APD (Avalanche Photodiode) that captures the reflected light. | | **Signal Processor (DSP/FPGA)** | Calculates distance by measuring the time delay or phase shift between emission and reception. | | **Driver Circuitry** | Manages the power supply to the laser to ensure consistent pulse frequency and intensity. | | **Communication Interface** | Converts internal digital data into industry-standard signals (IO-Link, Analog, or RS-422). | --- ### 2. Technical Specifications While specific configurations can vary between the **R** (Red Light) and **Q** (High Speed/Specific Interface) models, the general electronic profile is as follows: - **Operating Voltage:** Typically 18–30V DC. - **Output Types:** - **Analog:** 4–20 mA or 0–10 V (proportional to distance). - **Switching:** Push-pull (PNP/NPN) outputs for limit detection. - **Digital:** IO-Link for parameterization and process data. - **Light Source:** Laser Class 2 (safe for brief accidental viewing). - **Current Consumption:** Usually < 100mA (excluding load). --- ### 3. Key Electronic Features #### A. Time-of-Flight (ToF) Technology The sensor’s electronic heart measures the "flight time" of a light pulse. Because light travels at approximately $300,000$ km/s, the electronics must have picosecond-level resolution to provide millimeter accuracy. #### B. Ambient Light Suppression The receiver includes electronic filters and frequency modulation to ensure that the sensor ignores "optical noise" from sunlight or factory overhead lighting. #### C. Connection Architecture The device typically utilizes an **M12 connector** (5-pin or 8-pin), which houses the wiring for: 1. Power (+V) 2. Ground (GND) 3. Switching Output 1 (Q1) 4. Switching Output 2 / Analog Output (Q2) 5. Communication/Inhibit Input --- ### 4. Implementation Example (IO-Link) In modern automation, the sensor is often connected via IO-Link. Below is a conceptual representation of how the data is handled electronically: ```json { "ProcessData": { "DistanceValue": "0...65535 (mm)", "SignalQuality": "Low/Medium/High", "SwitchingState": { "Q1": "Active/Inactive", "Q2": "Active/Inactive" } } } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q variants in terms of range?
    • ⤷ How do you calibrate the analog output for a specific distance window?
    • ⤷ What are the wiring diagrams for an M12 5-pin configuration?