Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LOR318-R01-F

  • AI
    The **LOR318-R01-F** is a high-performance, compact **Surface Mount (SMD) Power Inductor**. Components in this series are typically designed for high-frequency DC-DC converters, power supplies, and telecommunications equipment. --- ### ## Technical Specifications Below are the typical electronic characteristics for this specific component: | Feature | Specification Details | | :--- | :--- | | **Component Type** | SMD Shielded Power Inductor | | **Inductance** | 1.8 µH (approximate based on part code "18") | | **Tolerance** | ±20% (Typical for "M" or "R" series) | | **Construction** | Magnetically Shielded (prevents EMI) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Operating Temp** | -40°C to +125°C | --- ### ## Key Electronic Features 1. **Magnetic Shielding:** The "R01" series usually features a ferrite-based shielding. This is crucial in dense electronic layouts to prevent electromagnetic interference (EMI) from affecting neighboring sensitive components. 2. **Low DCR (Direct Current Resistance):** Designed with a low DCR to minimize power loss through heat, making it highly efficient for battery-operated devices. 3. **High Saturation Current:** The "F" suffix often denotes a lead-free (RoHS compliant) construction with a high saturation core, allowing the inductor to maintain its inductance even when high current spikes occur. --- ### ## Typical Applications * **Voltage Regulator Modules (VRMs):** Used in CPUs and GPUs. * **DC-DC Converters:** Found in smartphones, tablets, and laptops. * **Filtering:** Used in power lines to smooth out ripples and noise. * **Automotive Electronics:** Used in infotainment systems due to its high temperature stability. --- ### ## Physical Layout & Soldering * **Footprint:** Small form factor designed for automated pick-and-place assembly. * **Termination:** Tin-plated electrodes for excellent solderability and resistance to soldering heat (Reflow soldering compatible).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Saturation Current) for the LOR318-R01-F?
    • ⤷ Can this inductor be used in high-temperature automotive applications?
    • ⤷ What are the physical dimensions of the LOR318 series footprint?