Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LOR3E-R01-F

  • AI
    The **LOR3E-R01-F** belongs to the family of high-precision, low-resistance current sensing resistors. These components are critical in power management circuits where measuring current flow with high accuracy and minimal power loss is required. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Component Type** | Current Sense Resistor (Shunt) | | **Resistance Value** | 0.001 Ω (1mΩ) | | **Tolerance** | ±1% (F designation) | | **Power Rating** | 3 Watts | | **Temperature Coefficient** | Low TCR (typically < 50 ppm/°C) | | **Package / Case** | Metal Element / Radial Lead (Through-hole) | --- ### 2. Functional Breakdown The LOR3E-R01-F is designed specifically for **Kelvin-style sensing** or high-current monitoring. Its internal construction and materials define its performance: * **Metal Element Construction:** Unlike standard carbon or thick-film resistors, this part uses a solid metal alloy. This allows it to handle high current pulses without burning out and provides excellent thermal stability. * **Low Resistance (1mΩ):** The extremely low resistance ensures that the "Voltage Drop" ($V = I \times R$) remains small. This prevents the resistor from consuming too much power ($P = I^2 \times R$) and overheating. * **Inductance:** These parts are engineered to have very low self-inductance, making them suitable for high-frequency switching power supplies. --- ### 3. Common Applications This part is typically found in the following electronic systems: 1. **Battery Management Systems (BMS):** Monitoring the charge and discharge rates of Li-ion battery packs. 2. **Motor Controllers:** Feedback loops for brushless DC (BLDC) motors to prevent over-current conditions. 3. **DC-DC Converters:** Providing the feedback signal for current-mode PWM controllers. 4. **Power Inverters:** Used in solar or automotive electronics to track energy flow. --- ### 4. Implementation Details When designing a PCB with the LOR3E-R01-F, engineers must pay attention to: * **Thermal Dissipation:** Even at 3W, the part can get hot. Large copper planes are recommended to act as heat sinks. * **Sense Traces:** To get an accurate reading of 1mΩ, the "Sense" traces should be connected as close to the body of the resistor as possible (4-terminal sensing) to avoid measuring the resistance of the PCB traces themselves.
    ✨ Follow-up Questions
    • ⤷What are the benefits of using a 4-terminal Kelvin connection with this resistor?
    • ⤷ How does the power rating of 3W limit the maximum current this resistor can handle?
    • ⤷ What are the common alternatives to the LOR3E-R01-F for surface-mount designs?