Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LP5050R-R33M

  • AI
    ### Overview of LP5050R-R33M The **LP5050R-R33M** is a high-current, low-profile power inductor typically used in DC-DC converter applications. It belongs to a category of surface-mount (SMD) power inductors designed for high-density power supplies where space and efficiency are critical. --- ### Technical Specifications The following table outlines the core electrical and physical characteristics of the component: | Parameter | Specification | Note | | :--- | :--- | :--- | | **Inductance** | 0.33 µH | Measured at 100kHz, 1V | | **Tolerance** | ±20% | Indicated by the 'M' suffix | | **DC Resistance (DCR)** | ~0.8 to 1.3 mΩ | Typ/Max values (Low resistance) | | **Saturation Current (Isat)** | ~40A - 60A | Current at which inductance drops | | **Heating Current (Irms)** | ~25A - 35A | Current causing a 40°C rise | | **Package Size** | 5.0 x 5.0 x 5.0 mm | Approximate dimensions (L x W x H) | | **Shielding** | Shielded | Magnetic shielding to reduce EMI | --- ### Key Electronic Features 1. **High Saturation Current:** The core material is engineered to handle high peak currents without the magnetic flux "saturating." This prevents the inductance from crashing, which would otherwise damage the switching regulator. 2. **Low DC Resistance (DCR):** By using thick copper windings, the component minimizes energy loss through heat ($P = I^2R$), making it highly efficient for high-current applications. 3. **Magnetic Shielding:** The construction usually involves a molded powder iron or ferrite core that encapsulates the coil. This prevents electromagnetic interference (EMI) from affecting nearby sensitive components on the PCB. 4. **Soft Saturation Characteristics:** Unlike traditional ferrite cores that have a sharp drop in inductance, these power inductors often exhibit a "soft" saturation curve, providing better stability under transient loads. --- ### Part Number Breakdown The nomenclature typically follows this structure: * **LP:** Series prefix (Low Profile / Power). * **5050:** Dimensions (5.0mm x 5.0mm footprint). * **R:** Construction style (often refers to RoHS compliant or specific molding). * **R33:** Inductance value (R33 = 0.33 microhenries). * **M:** Tolerance (M = ±20%). --- ### Typical Applications * **Voltage Regulator Modules (VRMs):** Used in CPU and GPU power delivery. * **DC-DC Converters:** Buck, Boost, and Buck-Boost topologies. * **Battery Powered Devices:** High efficiency helps extend battery life. * **Servers and Networking:** Used in high-current distributed power systems.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the LP5050R-R33M from other manufacturers?
    • ⤷ How does the temperature rise affect the inductance value of this specific part?
    • ⤷ What is the recommended PCB footprint or land pattern for a 5050 size inductor?