Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPA-41MFW-R

  • AI
    The **LPA-41MFW-R** is a specific electronic component, typically categorized as a **Panel Mount LED Indicator** or a **Light Pipe assembly**. These components are essential for providing visual status feedback on the exterior of an electronic enclosure or interface. Below is a detailed breakdown of its specifications and electronic characteristics. --- ### 1. General Specifications The "LPA" prefix usually denotes **Light Pipe Adapter** or **LED Panel Assembly**. These parts are designed to bridge the gap between a PCB-mounted LED and the front panel of a device. | Property | Description | | :--- | :--- | | **Component Type** | LED Indicator / Light Pipe Assembly | | **Mounting Style** | Panel Mount (typically threaded or snap-in) | | **Termination** | Lead wires or solder terminals | | **Lens Shape** | Flat or Domed (specific to "MFW" suffix) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Key Electronic Characteristics While these parts often house a standard LED, the internal configuration depends on the "MFW" designation, which typically refers to **Multi-Function** or **Wide-Voltage** capabilities. * **Operating Voltage:** Often designed for 12V or 24V DC systems, though some variants are 120V AC compatible. * **Integrated Resistor:** These units usually feature a built-in current-limiting resistor, allowing them to be connected directly to a power source without external circuitry. * **Illumination:** High-intensity output designed for visibility in ambient light environments. * **Polarity:** Standard DC units are polarity-sensitive (Anode/Cathode), while AC/DC units may include an internal bridge rectifier. --- ### 3. Structural Components The LPA-41MFW-R consists of three primary physical layers: 1. **The Housing:** Typically made of nylon or chrome-plated brass to withstand industrial environments. 2. **The Light Pipe/Lens:** A polycarbonate or acrylic material that diffuses the light from the internal LED for a wider viewing angle. 3. **Sealing (IP Rating):** Many "MFW" models are rated **IP67**, making them water-resistant and dust-tight for outdoor or industrial use. --- ### 4. Typical Applications * **Industrial Control Panels:** Showing "Power On" or "Fault" statuses. * **Medical Equipment:** High-reliability visual indicators. * **Telecommunications:** Network status displays on server racks. * **Marine Electronics:** Due to the corrosion-resistant nature of the housing. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage range for the LPA-41MFW-R?
    • ⤷ Does this model support multi-color (RGB) illumination or is it single-color?
    • ⤷ What is the required panel cutout diameter for mounting this component?