Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPA-41P4W-R

  • AI
    ### Overview of the LPA-41P4W-R The **LPA-41P4W-R** is a specific electronic component typically categorized as a **Piezoelectric Indicator** or **Piezo Audio Transducer/Buzzer**. It is designed to convert electrical energy into acoustic energy, producing a distinct sound or "beep" in electronic circuits. --- ### Key Technical Specifications Below is a breakdown of the typical physical and electrical characteristics for this part: | Characteristic | Specification (Typical) | | :--- | :--- | | **Type** | Piezo Indicator (Internal Circuitry) | | **Rated Voltage** | 12V DC (Standard operating range 3-20V DC) | | **Max Current** | ~10mA to 15mA at rated voltage | | **Frequency** | 2.8 kHz ± 0.5 kHz | | **Sound Pressure Level (SPL)** | 85dB to 95dB at 30cm | | **Mounting Type** | Through-hole (Pins) | | **Drive Circuit** | Internal (Constant tone when power is applied) | --- ### Core Electronic Components & Operation The device consists of several critical layers and parts that allow it to function: 1. **Piezoelectric Ceramic Disc:** The heart of the part. When a voltage is applied, the material physically deforms (the inverse piezoelectric effect). 2. **Internal Driver Circuit (OSC):** Unlike a "transducer" which requires an external AC signal, the **P4W-R** version usually includes an internal oscillator. This means you only need to apply a DC voltage to trigger the sound. 3. **Resonant Chamber:** The plastic housing is shaped to amplify the vibrations of the ceramic disc, increasing the decibel (dB) output. 4. **Terminals/Pins:** Usually tin-plated brass pins for soldering onto a Printed Circuit Board (PCB). --- ### Application and Usage * **Alerts/Alarms:** Used in household appliances (microwave beeps), smoke detectors, and security systems. * **Feedback:** Provides tactile/audible confirmation in control panels. * **Medical Equipment:** Used for patient monitoring alarms due to its high reliability and low power consumption. --- ### Connection Diagram (Basic) ```circuit [Power Supply V+] ---- [ (+) Pin ] (LPA-41P4W-R) [ (-) Pin ] ---- [ Ground/GND ] ``` *Note: Ensure polarity is correct; reversing the pins can damage the internal driver circuit.*
    ✨ Follow-up Questions
    • ⤷ What is the difference between a piezo indicator and a piezo transducer?
    • ⤷ Can this component be used with an Arduino or microcontroller?
    • ⤷ What is the maximum operating temperature for the LPA-41P4W-R?