Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPAND

  • AI
    The term **LPAN** usually refers to **Low-Power Area Networks** (often used interchangeably with **LPWAN** - Low-Power Wide-Area Networks). These systems are designed for long-range communication with extremely low power consumption, typically for IoT (Internet of Things) devices. Below is an explanation of the core electronic parts involved in these systems. --- ### 1. Core Hardware Components An LPAN device generally consists of four primary functional blocks: | Component | Function | Examples | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "brain" that processes data and manages power states. | ARM Cortex-M0+, ESP32-S2, MSP430 | | **RF Transceiver** | The radio chip that transmits and receives wireless signals. | Semtech SX1276 (LoRa), TI CC1101 | | **Sensors** | Collects environmental data to be transmitted. | DHT11 (Temp/Humid), Accelerometers, GPS | | **Power Management** | Regulates voltage and manages battery life (LDOs/Buck converters). | TPS62740, AP2112 | --- ### 2. Key Electronic Features of LPAN Parts To achieve "Low Power" status, these components must have specific electronic characteristics: #### A. Deep Sleep Capability The MCU and Transceiver must have specialized "Sleep" or "Hibernate" modes where current draw is measured in **nanoamperes (nA)**. The device stays asleep for 99% of its life, waking up only to transmit. #### B. High Receiver Sensitivity Because LPANs operate over long distances (kilometers) at low power, the **RF Front-end** must be extremely sensitive (often below -130 dBm) to pick up weak signals from the noise. #### C. Integrated Power Amplifiers (PA) The RF chip includes a Power Amplifier to boost the signal before it reaches the antenna, and a Low Noise Amplifier (LNA) to boost incoming weak signals. --- ### 3. Popular LPAN Protocols and Their Hardware Depending on the specific "LPAN" technology used, the hardware varies: * **LoRaWAN:** Uses Chirp Spread Spectrum (CSS) modulation. Hardware is proprietary to Semtech. * **Sigfox:** Uses Ultra-Narrowband (UNB) technology. Requires very stable crystal oscillators (TCXOs). * **NB-IoT / LTE-M:** Requires a SIM slot or eSIM and a cellular-grade power amplifier capable of higher peak currents. --- ### 4. Circuit Design Considerations When designing the PCB for these parts, engineers focus on: 1. **Impedance Matching:** Ensuring the trace between the RF chip and the antenna is exactly 50 Ohms to prevent signal loss. 2. **Quiescent Current (Iq):** Choosing voltage regulators with the lowest possible leakage when the device is idle. 3. **Energy Harvesting:** Many LPAN parts are designed to be powered by small solar cells or thermal generators rather than traditional batteries. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between LoRa and NB-IoT hardware components?
    • ⤷ How do I calculate the battery life for an LPAN device?
    • ⤷ What role does a TCXO play in LPAN circuits?