Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPAU-421MA-R

  • AI
    The **LPAU-421MA-R** is a specialized high-performance Power Amplifier Unit (PAU), typically utilized in wireless communication infrastructure, such as cellular base stations or microwave backhaul systems. It is often associated with brands like **NEC** (specifically within their PASOLINK or iPASOLINK series). Below is a breakdown of its electronic components and technical characteristics. --- ### 1. General Specifications The device is designed to amplify radio frequency (RF) signals to levels suitable for transmission over long distances while maintaining high linearity. | Feature | Description | | :--- | :--- | | **Category** | RF Power Amplifier Unit (PAU) | | **Common Application** | Point-to-Point Microwave Radio / Small Cell Backhaul | | **Modulation Support** | High-order QAM (up to 2048QAM or higher) | | **Frequency Range** | Usually Microwave bands (specific band depends on the R-suffix variant) | | **Mounting** | Outdoor Unit (ODU) integrated component | --- ### 2. Core Electronic Sub-systems The internal architecture of the LPAU-421MA-R consists of several critical stages: #### A. RF Gain Stages * **Driver Amplifier:** Small-signal transistors that boost the input signal to a level sufficient to drive the final stage. * **Final Stage Power Amplifier:** Likely utilizes **GaN (Gallium Nitride)** or **GaAs (Gallium Arsenide)** Field Effect Transistors (FETs). GaN is preferred in modern versions for higher power density and efficiency. #### B. Power Management * **DC-DC Converters:** Converts the standard supply voltage (often -48V DC in telecom) to the specific low voltages required by the internal RF transistors. * **Bias Control Circuitry:** Ensures the transistors operate in the correct class (usually Class AB or Doherty) to balance power efficiency with signal distortion. #### C. Control and Monitoring * **ALC (Automatic Level Control):** Uses feedback loops to maintain a constant output power despite temperature fluctuations or input signal variations. * **Temperature Sensors:** Integrated thermistors that trigger thermal protection protocols if the unit exceeds safe operating temperatures. * **Microcontroller/FPGA Interface:** Handles digital commands from the Main Processing Unit (MPU) for frequency tuning and gain adjustments. --- ### 3. Physical & Interface Components * **RF Connectors:** Typically high-precision SMA or N-type connectors for low-loss signal transfer. * **Waveguide Interface:** Often features a direct flange connection to the antenna or ODU branch circuit. * **Heat Sink:** Extensive aluminum finning on the outer casing to dissipate the significant heat generated by the power transistors. --- ### 4. Part Number Breakdown (General Logic) | Prefix/Suffix | Meaning | | :--- | :--- | | **LP** | Often stands for "Low Profile" or "Linear Power." | | **AU** | Amplifier Unit. | | **421** | Series/Model generation identifier. | | **-R** | Often denotes "RoHS Compliant" or a specific "Revised" hardware revision. | ---
    ✨ Follow-up Questions
    • ⤷ What is the specific operating frequency range for the 421MA-R series?
    • ⤷ How does GaN technology improve the efficiency of this specific PAU?
    • ⤷ What are the typical maintenance steps for an outdoor PAU unit?