Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPAU-421PFW-R

  • AI
    The **LPAU-421PFW-R** is a specific electronic sub-assembly, typically categorized as a **Backlight Inverter Board** or a **Power Supply Unit (PSU)** component, most commonly found in flat-panel displays (LCD monitors or industrial screens). --- ### 1. General Specifications While specifications can vary based on the manufacturer (often associated with brands like **TDK** or **Logah**), the part generally adheres to the following parameters: | Component Feature | Description | | :--- | :--- | | **Device Type** | High-Voltage Inverter Board / Backlight Controller | | **Application** | Drives CCFL (Cold Cathode Fluorescent Lamps) in LCDs | | **Input Voltage** | Typically 12V DC (Common for desktop/industrial monitors) | | **Output Channels** | 4-Lamp Output (indicated by the "4" in the prefix) | | **RoHS Status** | Compliant (indicated by the "R" suffix) | --- ### 2. Key Electronic Parts & Functionality The board consists of several critical electronic stages to convert low-voltage DC into the high-voltage AC required to strike the lamps. #### A. Power Management & Switching * **Controller IC:** The "brain" of the board. It manages the Pulse Width Modulation (PWM) to control brightness (dimming) and ensures the lamps stay lit. * **MOSFETs:** Usually found in pairs. These act as high-speed switches that toggle the input current into the primary side of the transformers. #### B. High-Voltage Transformers * The most prominent features on the board are the **Inverter Transformers**. * They step up the 12V DC input to approximately 600V - 1500V AC to ionize the gas inside the CCFL tubes. #### C. Protection Circuitry * **Feedback Loop:** Uses resistors and capacitors to monitor the output current. If a lamp fails or breaks, the IC shuts down the board to prevent fire or electrical damage. * **Capacitors:** Electrolytic capacitors are used for input filtering, while high-voltage ceramic capacitors (C-Blue type) are used at the output stage. --- ### 3. Connector Pinout (Typical) The input connector (usually a 6-pin or 10-pin header) generally follows this logic: | Pin Type | Function | | :--- | :--- | | **VIN** | Main Power Input (+12V) | | **GND** | Ground | | **ON/OFF** | Enable signal from the main logic board (3.3V or 5V) | | **DIM / ADJ** | Brightness control signal (Analog or PWM) | --- ### 4. Common Failure Symptoms If you are troubleshooting this specific part, look for these issues: 1. **The "Two-Second to Black" issue:** The screen turns on briefly then goes dark (usually a faulty transformer or aged lamp). 2. **Bulging Capacitors:** Visual leakage or swelling in the electrolytic caps. 3. **Blown Fuse:** A small surface-mount fuse (labeled 'F1') near the input connector.
    ✨ Follow-up Questions
    • ⤷ What are the symptoms of a failing transformer on the LPAU-421PFW-R?
    • ⤷ Can this inverter be bypassed or replaced with an LED driver kit?
    • ⤷ What is the specific input voltage range for this model?