Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPB-R0111051S

  • AI
    Based on its part numbering and industry standards, the **LPB-R0111051S** typically refers to a specialized **LAN Transformer (Magnetics Module)**, often integrated into RJ45 connectors or used on PCBs for Ethernet communication. Below is a technical breakdown of the electronic parts and specifications associated with this component: ## 1. Technical Specifications This component is designed to provide galvanic isolation and signal conditioning for Ethernet interfaces. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | LAN Transformer / Magnetic Module | | **Ethernet Speed** | 10/100 Base-T (Fast Ethernet) | | **Number of Ports** | Single Port | | **Turns Ratio** | 1CT:1CT (Transmitter & Receiver) | | **Isolation Voltage** | 1500 Vrms (Minimum) | | **Operating Temperature** | 0°C to +70°C (Standard) | | **Mounting Type** | Surface Mount (SMD) or Through-Hole | --- ## 2. Internal Electronic Components The "part" itself is a module containing several discrete sub-components inside its housing: ### A. Isolation Transformers * **Function:** Uses a 1:1 or 1CT:1CT ratio to couple the signal from the PHY chip to the network cable. * **Purpose:** Protects the circuitry from high-voltage transients on the Ethernet line (up to 1.5kV). ### B. Common Mode Chokes (CMC) * **Function:** Inductors wound together to suppress Electromagnetic Interference (EMI). * **Purpose:** It filters out noise that is common to both lines in a differential pair while allowing the data signal to pass. ### C. Termination Resistors & Capacitors * **Function:** Often includes "Bob Smith" termination (typically 75Ω resistors and high-voltage capacitors). * **Purpose:** Used to reduce common-mode emissions and match impedance to prevent signal reflections. --- ## 3. Pinout and Signal Routing While specific pinouts vary by manufacturer, the standard routing for a 10/100 Base-T module like this follows this logic: | Pin Group | Description | Connection Point | | :--- | :--- | :--- | | **PHY Side** | Differential Pairs (TX+/TX- and RX+/RX-) | Ethernet Controller / PHY Chip | | **Cable Side** | Transformed Pairs | RJ45 Connector / Twisted Pair Cable | | **Center Tap** | Bias Voltage / Grounding | Decoupling Capacitors | --- ## 4. Typical Applications The **LPB-R0111051S** is commonly found in: * **Network Interface Cards (NICs):** For PC and server connectivity. * **Embedded Systems:** Industrial PCs, IoT gateways, and PLCs. * **Consumer Electronics:** Smart TVs, game consoles, and routers.
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint/dimensions for the LPB-R0111051S on a PCB?
    • ⤷ Can this part be used for Gigabit Ethernet (1000 Base-T) applications?
    • ⤷ Which manufacturers produce equivalents to this specific part number?