Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPCA-65D-R

  • AI
    The **LPCA-65D-R** is a specialized electronic component, typically categorized as a **Circular Polarized Antenna** or a **Patch Antenna**, often utilized in RFID (Radio Frequency Identification) systems or wireless communication modules. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Technical Specifications The "65D" in the part number often refers to the beamwidth or gain characteristics, while the "R" typically signifies Right-Hand Circular Polarization (RHCP). | Feature | Typical Specification | | :--- | :--- | | **Frequency Range** | 860 MHz – 960 MHz (UHF Band) | | **Polarization** | RHCP (Right-Hand Circular Polarization) | | **Gain** | ~5.0 to 6.5 dBi | | **Impedance** | 50 Ohms | | **VSWR** | ≤ 1.5:1 | | **Connector Type** | U.FL / IPEX or SMA (depending on lead version) | --- ## 2. Key Electronic Components & Design The device is not a single discrete component like a resistor; it is an integrated assembly consisting of several sub-parts: ### A. Radiating Element (The Patch) * **Material:** Usually a ceramic dielectric substrate with a silver-plated or copper-plated conductive layer. * **Function:** This is the primary part that converts electrical signals from the circuit into electromagnetic waves (and vice versa). ### B. Feed Point * **Design:** A precise location on the patch where the signal is injected. * **Function:** The offset of the feed point determines the circular polarization, allowing the antenna to receive signals regardless of the tag's orientation. ### C. Ground Plane * **Material:** A metallic layer (often PCB copper) beneath the ceramic patch. * **Function:** Provides the necessary reflection and reference potential for the antenna to function efficiently. --- ## 3. Physical & Environmental Features The LPCA series is designed for integration into handheld devices or small fixed readers. * **Low Profile:** The "LP" in the prefix stands for **Low Profile**, indicating the antenna is thin (usually <7mm). * **Mounting:** Often features an adhesive backing or pin-mount for direct PCB integration. * **Durability:** Usually rated for industrial temperatures (-40°C to +85°C). --- ## 4. Common Applications Due to its circular polarization, the LPCA-65D-R is highly effective in environments where the orientation of the target (like an RFID tag) is unknown. 1. **Handheld RFID Readers:** Used in warehouse inventory tools. 2. **Medical Tracking:** Tracking equipment or medication within hospitals. 3. **Access Control:** Embedded in wall-mounted scanners for badge entry. 4. **UAV/Drones:** Used for telemetry links where the aircraft's banking might affect linear signal polarity.
    ✨ Follow-up Questions
    • ⤷ What is the difference between RHCP and LHCP in this antenna model?
    • ⤷ How does the VSWR rating affect the performance of the LPCA-65D-R?
    • ⤷ Can this antenna be used for both ETSI and FCC frequency bands?