Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPCE-612-R

  • AI
    The **LPCE-612-R** is a high-performance, compact power connector manufactured by **Amphenol (specifically the Amphenol ICC / FCI division)**. It is part of the **PwrBlade®** product family, designed to handle high current in power distribution applications, particularly in the server and networking sectors. --- ### ## Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Manufacturer** | Amphenol Communications Solutions | | **Series** | PwrBlade® | | **Connector Type** | Power Card Edge Connector | | **Mounting Type** | Through Hole, Right Angle | | **Contact Material** | Copper Alloy | | **Contact Plating** | Gold (GXT™) over Nickel | | **Current Rating** | Up to 30A per power contact | | **Voltage Rating** | 300V AC/DC | | **Operating Temp** | -40°C to +125°C | --- ### ## Key Electronic & Structural Features #### 1. Hybrid Contact Configuration The LPCE (Low Profile Card Edge) series typically features a combination of **Power Contacts** and **Signal Contacts**. * **Power Contacts:** Designed for high-current delivery to the PCB. * **Signal Contacts:** Used for power management, monitoring, and "hot-swap" detection. #### 2. Right-Angle Orientation The "R" in the suffix usually denotes a **Right-Angle** orientation. This allows for horizontal PCB mating, which is essential for 1U/2U rack-mounted servers where vertical space is limited. #### 3. High Linear Current Density The internal geometry of the contacts is optimized to minimize resistance. By keeping the profile low, the connector reduces heat buildup and allows for better airflow within electronic enclosures. #### 4. GXT™ Plating Technology Amphenol uses a proprietary Palladium-Nickel alloy with a Gold flash (GXT™). This provides: * Superior wear resistance during mating cycles. * Excellent corrosion protection. * Reduced costs compared to thick pure gold plating while maintaining high conductivity. --- ### ## Typical Applications * **Data Centers:** Power supplies for servers and storage systems. * **Telecommunications:** Base stations and switches. * **Industrial Power:** High-density power modules and motor controllers. * **Medical Equipment:** Power distribution in diagnostic imaging machines. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum number of mating cycles for the LPCE-612-R?
    • ⤷ How does the Right-Angle mounting affect heat dissipation compared to vertical mounting?
    • ⤷ Are there specific PCB thickness requirements for using this card edge connector?