Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPCE-61F-R

  • AI
    The **LPCE-61F-R** is a specific electronic component belonging to the category of **Board-to-Board (BTB)** or **Card Edge** connectors. It is primarily used in high-density computing environments, power supplies, and server architectures. --- ## Technical Specifications | Parameter | Details | | :--- | :--- | | **Component Type** | Card Edge Connector / Power Connector | | **Contact Type** | Female (Receptacle) | | **Orientation** | Right Angle (Horizontal) | | **Pitch** | Hybrid (Power and Signal pins usually vary) | | **Mounting Type** | Through-Hole (TH) | | **Current Rating** | High Current (Designed for Power Delivery) | --- ## Key Features ### 1. Hybrid Design The LPCE series often features a combination of **Power Pins** and **Signal Pins**. - **Power Pins:** Larger surface area to handle high amperage without excessive heat. - **Signal Pins:** Used for communication protocols (like SMBus or I2C) between the power supply and the motherboard. ### 2. Space Efficiency The "Right Angle" configuration allows for a low-profile assembly, making it ideal for 1U or 2U server chassis where vertical space is extremely limited. ### 3. High Durability These connectors are plated with gold (usually at the contact points) to ensure low contact resistance and to prevent oxidation over long periods of operation in high-heat environments. --- ## Typical Applications The LPCE-61F-R is commonly found in the following hardware: * **Server Power Supplies:** Connecting the main PSU to the power distribution board. * **Networking Equipment:** High-end routers and switches. * **Industrial PCs:** Where secure, high-current connections are required in a compact form factor. --- ## Technical Diagram Representation While I cannot render a 3D CAD file, the pinout typically follows this logic: ```markdown [ PCB Board ] | |______(Right Angle Entry) | [Signal] [Power] [Signal] |___________________________ ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the power pins on this connector?
    • ⤷ Is the LPCE-61F-R compatible with specific industry standards like CRPS?
    • ⤷ What are the recommended soldering temperatures for this through-hole component?