Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPD-11MC-R/Q

  • AI
    The **LPD-11MC-R/Q** is a high-performance **Directional Coupler** typically used in RF (Radio Frequency) and microwave applications. It is designed to sample a specific amount of signal power from a transmission line without significantly disrupting the main signal flow. --- ### 1. Key Technical Specifications The "R/Q" suffix often denotes specific packaging or qualification standards (such as RoHS compliance or high-reliability testing). Below are the core electronic characteristics typical for this series: | Parameter | Typical Value / Range | | :--- | :--- | | **Frequency Range** | 1.0 GHz to 11.0 GHz (Wideband) | | **Nominal Coupling** | 10 dB to 20 dB (Depending on specific sub-model) | | **Coupling Flatness** | ±1.0 dB | | **Directivity** | 15 dB to 20 dB (Minimum) | | **Main Line VSWR** | 1.3:1 (Maximum) | | **Power Handling** | 20W - 50W (Average) | | **Impedance** | 50 Ohms | --- ### 2. Functional Components The internal architecture of the LPD-11MC-R/Q consists of several critical electronic sections: * **Stripline/Microstrip Circuitry:** The core of the device uses precision-etched copper traces on a low-loss dielectric substrate (like PTFE) to manage electromagnetic wave propagation. * **Coupled Lines:** Two parallel transmission lines placed in close proximity. The electromagnetic field from the "Main" line induces a proportional signal in the "Coupled" line. * **Termination Resistors:** High-precision internal resistors are used to terminate the isolated port, ensuring high directivity and preventing signal reflections. * **Connectors:** Usually equipped with SMA Female connectors, engineered to minimize insertion loss at frequencies up to 11 GHz. --- ### 3. Connection Pinout/Ports As a directional coupler, the device features four primary ports (though the isolated port is often internal): 1. **Input Port (P1):** Where the RF signal enters. 2. **Output Port (P2):** Where the main signal exits (with minimal loss). 3. **Coupled Port (P3):** Where a fraction of the input power (e.g., -10dB) is sampled. 4. **Isolated Port (P4):** Usually terminated internally; prevents reflected power from entering the coupled port. --- ### 4. Common Applications * **Power Monitoring:** Measuring the output power of a transmitter in real-time. * **Antenna VSWR Measurement:** Detecting reflected power to ensure antenna health. * **Signal Sampling:** Diverting a small portion of a signal for analysis by a Spectrum Analyzer without interrupting the primary link. * **Signal Leveling:** Part of an Automatic Gain Control (AGC) loop in microwave links. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the R and Q versions of this component?
    • ⤷ How does 'Directivity' affect the measurement accuracy of this coupler?
    • ⤷ Can this component be used in 5G NR frequency bands?