Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPD-12M2-R

  • AI
    The **LPD-12M2-R** is a specialized power distribution component, typically identified as a **Power Distribution Board (PDB)** or a **Lateral Power Distributor**, often used in industrial automation, LED control systems, or modular server chassis. Below is a breakdown of its electronic characteristics and functional components. --- ### 1. General Specifications The LPD series is designed to manage high-current loads and distribute them to multiple sub-circuits while maintaining signal integrity and safety. | Feature | Description | | :--- | :--- | | **Component Type** | Power Distribution Unit (PDB) / Busbar Module | | **Input Voltage Range** | Typically 12V - 48V DC (depending on specific sub-revision) | | **Channel Count** | 12 Output Channels | | **Mounting Type** | Rack-mount or DIN-Rail compatible | | **Connector Type** | Terminal blocks or multi-pin headers (M2 series often uses high-density pins) | --- ### 2. Core Electronic Components The internal circuitry of the LPD-12M2-R consists of several key layers to ensure stable power delivery: #### A. Protection Circuitry * **Fusing:** Each of the 12 channels is usually protected by an individual SMD fuse or a Resettable PTC (Positive Temperature Coefficient) thermistor to prevent over-current from damaging the main supply. * **TVS Diodes:** Transient Voltage Suppression diodes are used to clamp voltage spikes, protecting sensitive downstream electronics. #### B. Filtering & Regulation * **Decoupling Capacitors:** Electrolytic or Ceramic capacitors are placed near output stages to smooth out ripple current and reduce electrical noise. * **Inductors/Chokes:** Used in some variants for EMI (Electromagnetic Interference) filtering, ensuring the board doesn't interfere with radio or data signals. #### C. Monitoring & Indicators * **Status LEDs:** The "R" in the suffix often denotes a **Remote** or **Reporting** feature, where individual LEDs indicate the status (Power OK / Blown Fuse) for each of the 12 channels. * **Feedback Header:** A low-voltage signal header that can be connected to a PLC or Microcontroller to monitor the health of the distribution board. --- ### 3. Physical Layout and Connectivity The "12M2" designation refers to the density and layout: 1. **Main Power Input:** Heavy-duty copper busbars or large gauge screw terminals to handle the total cumulative amperage. 2. **Output Stage:** 12 individual pairs of (+) and (-) terminals. 3. **PCB Construction:** Multi-layer PCB with heavy copper weight (2oz or 3oz) to handle high heat dissipation without traces melting. --- ### 4. Typical Applications * **LED Video Walls:** Distributing 5V/12V power to multiple LED modules. * **Server Enclosures:** Providing redundant power to various cooling fans and peripheral cards. * **Industrial Control Cabinets:** Distributing DC power from a central power supply to various sensors and actuators. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum amperage rating per channel for the LPD-12M2-R?
    • ⤷ Does this model support hot-swapping of fuses?
    • ⤷ Are there specific mounting dimensions or CAD files available for this part?