Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPD-13P1-R

  • AI
    The **LPD-13P1-R** is an electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These components are widely used in power management circuits to store energy, filter noise, and manage voltage conversion. --- ### 1. Technical Specifications Below are the typical technical parameters for a component in this series: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance Range** | Varies by specific sub-model (typically $\mu H$) | | **Tolerance** | $\pm 20\%$ (standard) | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Core Material** | Ferrite | --- ### 2. Physical Construction The "LPD" series is characterized by its **Low Profile** design. This is crucial for modern electronics like smartphones or slim laptops where vertical space is limited. * **Magnetically Shielded:** The coil is encased in a ferrite material. This prevents the magnetic fields generated by the inductor from interfering with nearby components (EMI protection). * **Termination:** Usually features solder-plated terminals on the bottom for robust reflow soldering. --- ### 3. Key Electronic Functions The LPD-13P1-R serves several critical roles in a circuit: 1. **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Filtering:** It acts as a low-pass filter, smoothing out high-frequency ripple current from switching power supplies to provide stable DC output. 3. **Impedance Matching:** Used in specific RF or signal paths to match impedance between stages. --- ### 4. Common Applications Due to its small footprint and efficiency, it is commonly found in: * **Mobile Devices:** Power management for CPUs and GPUs in tablets and phones. * **Wearables:** Efficient power conversion for battery-operated devices. * **LCD Displays:** Backlight drivers and panel power. * **DC-DC Converters:** Point-of-Load (POL) modules. --- ### 5. Identification Code Breakdown * **LPD:** Series designation (Low Profile Dual/Power). * **13:** Often refers to the physical dimensions (e.g., $1.3 \text{mm} \times 1.3 \text{mm}$ or similar footprint). * **P1:** Designates the specific internal structure or revision. * **R:** Usually indicates "Tape and Reel" packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the maximum current ratings for the LPD-13P1-R?
    • ⤷ How does magnetic shielding affect the performance of this inductor?
    • ⤷ What are the footprint dimensions for PCB layout design?