Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPD-22P2-R

  • AI
    The **LPD-22P2-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Inductor**. These parts are essential in power management circuits, specifically for DC-DC converters and voltage regulation. --- ## 1. Technical Specifications While exact specifications can vary slightly by manufacturer (such as Sumida or similar magnetic component specialists), the part numbering generally follows this logic: | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor | | **Inductance** | Usually 2.2 µH (indicated by "22") | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Core Material** | Ferrite or Metal Composite (low-loss) | | **Shielding** | Magnetically shielded to prevent EMI | | **Standard Packaging** | Tape and Reel (indicated by the "-R") | --- ## 2. Key Electronic Functions The LPD-22P2-R performs several critical roles within an electronic assembly: * **Energy Storage:** It stores energy in its magnetic field during the "on" cycle of a switching regulator and releases it during the "off" cycle. * **Filtering:** Acts as a low-pass filter to smooth out high-frequency ripple current in power supplies. * **Impedance Matching:** Provides high impedance to AC signals while allowing DC current to pass with minimal resistance. --- ## 3. Physical Attributes & Design The "P2" designation often refers to the physical footprint or height profile of the inductor. 1. **Low Profile:** Designed for compact electronics where vertical space is limited (e.g., smartphones, tablets, or thin IoT devices). 2. **Shielded Construction:** The inductor is encased in a magnetic material. This contains the magnetic flux, reducing interference with nearby sensitive components like antennas or processors. 3. **Low DCR:** It is engineered for low **Direct Current Resistance (DCR)**, which minimizes heat generation and maximizes battery efficiency. --- ## 4. Common Applications This part is frequently found in: * **Buck/Boost Converters:** Stepping voltage up or down in portable electronics. * **LED Drivers:** Maintaining constant current for display backlighting. * **CPU/GPU Power Rails:** Providing stable current to high-performance processors.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Saturation Current) for the LPD-22P2-R?
    • ⤷ How does the shielding in this inductor impact EMI performance?
    • ⤷ Can you provide the physical dimensions for the P2 package size?