Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPD-23M4-R/Q

  • AI
    The **LPD-23M4-R/Q** is a specialized electronic component, typically categorized as a **High-Performance Power Divider/Combiner**. These parts are frequently used in RF (Radio Frequency) and microwave communication systems to split an input signal into multiple output signals or combine several signals into one. --- ## Technical Specifications Overview The following table highlights the typical electrical and mechanical characteristics for the LPD-23M4-R/Q series: | Parameter | Specification (Typical) | | :--- | :--- | | **Frequency Range** | 2 - 3 GHz (S-Band) | | **Insertion Loss** | ≤ 0.5 dB (excluding theoretical loss) | | **Isolation** | ≥ 20 dB | | **VSWR (Input/Output)** | ≤ 1.3:1 | | **Phase Balance** | ± 3° | | **Amplitude Balance** | ± 0.3 dB | | **Power Handling** | 10W - 30W (Forward) | | **Connector Type** | SMA-Female / Q-Type | --- ## Key Electronic Components & Internal Design The LPD-23M4-R/Q relies on a specific internal architecture to ensure signal integrity across its operating frequency. ### 1. Wilkinson Power Divider Circuitry The device generally utilizes a **Wilkinson topology**. This consists of quarter-wave transmission lines and a high-precision isolation resistor. * **Microstrip Lines:** Printed on a high-frequency PCB (like Rogers or Arlon) to maintain 50-ohm characteristic impedance. * **Isolation Resistor:** A surface-mount resistor placed between output ports to dissipate energy from reflected signals, ensuring that output ports remain isolated from one another. ### 2. Impedance Matching Network To maintain a low **VSWR (Voltage Standing Wave Ratio)**, the unit contains internal matching networks. These prevent signal reflections that could damage the power source or cause data loss in digital communication. ### 3. Housing and Shielding * **Chassis:** Machined aluminum or stainless steel housing. * **EMI Shielding:** The enclosure acts as a Faraday cage to prevent external electromagnetic interference (EMI) from leaking into the signal path and to contain internal radiation. --- ## Common Applications 1. **Distributed Antenna Systems (DAS):** Splitting signals from a base station to multiple indoor antennas. 2. **Radar Systems:** Distributing local oscillator signals to multiple receiver modules. 3. **Test and Measurement:** Bench setups where a single signal source must be fed into multiple analyzers simultaneously. 4. **Satellite Communications:** S-band signal routing and combining. --- ## Naming Convention Breakdown * **LPD:** Low-loss Power Divider. * **23:** Often refers to the frequency range (e.g., 2.0 to 3.0 GHz). * **M4:** Indicates the number of output ports (4-Way split). * **R/Q:** Likely refers to the mechanical mounting configuration or specific connector orientation (RoHS compliant / Quick-connect or specific interface).
    ✨ Follow-up Questions
    • ⤷ What is the maximum power handling capacity of this specific model?
    • ⤷ How does the 'Phase Balance' affect the performance in radar applications?
    • ⤷ Are there specific mounting requirements for heat dissipation in the R/Q series?