Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPD-31M2-R/Q

  • AI
    The **LPD-31M2-R/Q** is a high-performance **Directional Coupler** designed for RF (Radio Frequency) and microwave applications. It is typically used in signal monitoring, power measurement, and signal leveling systems. --- ### 1. Technical Specifications The following table summarizes the key electronic characteristics of the LPD-31M2-R/Q: | Parameter | Typical Value | | :--- | :--- | | **Frequency Range** | 1.0 GHz to 2.0 GHz | | **Coupling Factor** | 20 dB (Nominal) | | **Directivity** | $\ge$ 20 dB | | **Insertion Loss** | $\le$ 0.25 dB (excluding coupled power) | | **VSWR (Input/Output)** | 1.20:1 | | **Power Handling** | 50 Watts (CW) | | **Impedance** | 50 Ohms | --- ### 2. Core Electronic Components & Architecture As a passive microwave component, the LPD-31M2-R/Q relies on physical geometries and materials rather than active transistors. * **Coupling Mechanism:** It utilizes a **Stripline** or **Microstrip** transmission line design. A main transmission line passes the signal, while a secondary "coupled" line is placed in close proximity to pick up a fraction of the energy via electromagnetic induction. * **Termination Resistors:** The "Q" and "R" designators often refer to specific port configurations or internal terminations. In a directional coupler, internal resistors (usually high-precision thin-film) are used to terminate the isolated port to ensure high directivity. * **Connectors:** Usually equipped with **SMA Female** connectors, which provide low signal reflection and high durability for frequencies up to 18GHz+. --- ### 3. Key Functions in a Circuit 1. **Signal Sampling:** It extracts a small, known portion of the input signal (20 dB down) to be measured by a spectrum analyzer or power meter without interrupting the main signal flow. 2. **VSWR Measurement:** By measuring the power at the coupled port versus the reflected port, engineers can calculate the Voltage Standing Wave Ratio (VSWR) to check antenna matching. 3. **Power Leveling:** Used in feedback loops to maintain a constant output power from an amplifier. --- ### 4. Implementation Example (System Level) ```mermaid graph LR A[RF Source] --> B[Input Port] B --> C[Main Line] C --> D[Output Port] B -. 20dB Coupling .-> E[Coupled Port/Monitor] ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 20dB coupling factor in signal loss calculations?
    • ⤷ How does directivity affect the accuracy of power measurements in this model?
    • ⤷ Can this component be used in bi-directional signal monitoring?