Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPD-32P3-R

  • AI
    The **LPD-32P3-R** is a specific electronic component typically identified as a **Power Inductor** (Surface Mount Device - SMD). These components are essential in power management circuits for energy storage and noise filtering. Below is a detailed breakdown of its specifications, construction, and typical applications. --- ### 1. General Specifications The "LPD" series usually refers to low-profile, high-current power inductors. While specific values (Inductance/Current) depend on the manufacturer (often associated with brands like *Coilcraft* or *Chilisin*), the "32P3" designation generally defines the physical footprint and internal winding style. | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor (SMD) | | **Mounting Type** | Surface Mount (SMT) | | **Core Material** | Ferrite or Metal Composite | | **Shielding** | Shielded (to minimize Electromagnetic Interference) | | **Operating Temp** | Typically -40°C to +125°C | --- ### 2. Key Internal Parts & Construction The LPD-32P3-R consists of several critical sub-components that dictate its performance: 1. **The Core:** A magnetic ferrite core that concentrates the magnetic field. The "32" in the name often refers to a 3.2mm x 3.2mm footprint. 2. **Copper Winding:** Enameled copper wire wound around the core. The thickness of this wire determines the **DC Resistance (DCR)** and the **Saturation Current**. 3. **Magnetic Shield:** A surrounding layer of magnetic material that prevents the magnetic flux from leaking and interfering with nearby components (like CPUs or RF modules). 4. **Terminations:** Solder pads (often Tin-plated) located on the bottom for PCB mounting. The "-R" suffix usually denotes **RoHS Compliance**. --- ### 3. Electrical Characteristics When integrating this part into a circuit, engineers look at these three primary metrics: * **Inductance (L):** Measured in Microhenries (µH). It defines the part's ability to store energy in a magnetic field. * **DC Resistance (DCR):** The internal resistance of the copper wire. Lower DCR is better for efficiency as it reduces heat loss ($P = I^2R$). * **Saturation Current ($I_{sat}$):** The maximum current level where the inductance drops by a specific percentage (usually 20-30%). Exceeding this makes the inductor behave like a simple wire. --- ### 4. Typical Applications The LPD-32P3-R is commonly found in small-scale electronics where vertical space is limited: * **DC-DC Converters:** Used in Buck or Boost converters to step voltage up or down. * **Smartphones/Tablets:** Because of the "Low Profile" (LPD) nature. * **Wearable Tech:** Ideal for fitness trackers or smartwatches due to the compact 3x3mm size. * **Filtering:** Used in LC filters to smooth out voltage ripples from switching power supplies. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the 32P3-R model?
    • ⤷ How does a shielded inductor differ from an unshielded one in PCB layout?
    • ⤷ What are the common failure modes for SMD power inductors?