Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPD-41M1-R/

  • AI
    The **LPD-41M1-R** is a high-performance **Directional Coupler** designed and manufactured by **LPD (Low Power Devices)**. It is a passive electronic component used primarily in RF (Radio Frequency) and microwave applications to sample signals without significantly interrupting the main transmission path. --- ### ## Technical Specifications The following table highlights the core electrical characteristics of the LPD-41M1-R: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 1.0 GHz to 4.0 GHz | | **Coupling Factor** | 10 dB (nominal) | | **Coupling Flatness** | ± 1.0 dB | | **Insertion Loss** | < 0.5 dB (excluding coupled power) | | **Directivity** | > 20 dB | | **VSWR (Input/Output)** | 1.25:1 (Max) | | **Power Rating** | 50 Watts (Average) | | **Impedance** | 50 Ohms | --- ### ### Key Electronic Components & Construction The device is built using **Microstrip** or **Stripline** technology housed in a shielded enclosure. Its internal architecture consists of: 1. **Main Transmission Line:** A low-loss conductor connecting the Input and Output ports. 2. **Coupled Line:** A secondary line placed in close physical proximity to the main line. Electromagnetic field interaction allows a precise fraction of the energy (10 dB in this case) to transfer to the coupled port. 3. **Termination Resistor:** Often integrated internally to ensure high directivity by absorbing reflected signals at the isolated port. 4. **Connectors:** Standard **SMA Female** connectors are typically used for high-frequency integrity and low signal leakage. --- ### ### Common Applications Due to its wide frequency range (1-4 GHz), the LPD-41M1-R is utilized in several RF subsystems: * **Power Monitoring:** Sampling a small portion of the output power to feed into a power meter or AGC (Automatic Gain Control) circuit. * **Signal Injection:** Injecting a test signal into a system without disconnecting the main signal path. * **Antenna Tuning:** Measuring the reflected power (Return Loss) to determine the SWR (Standing Wave Ratio) of an antenna system. * **Cellular/LTE Infrastructure:** Used in base stations and repeaters for signal distribution. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between directivity and isolation in this coupler?
    • ⤷ Can this device handle peak power levels higher than 50 Watts?
    • ⤷ How does coupling flatness affect signal measurements across the 1-4 GHz range?