Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPD-42M1-R

  • AI
    The **LPD-42M1-R** is a high-performance **Directional Coupler** manufactured by **Mini-Circuits**. It is designed for RF and microwave applications, primarily used to sample or monitor signals within a specific transmission line without significantly disrupting the main signal flow. --- ### 1. Core Technical Specifications The following table summarizes the primary electronic characteristics of the LPD-42M1-R: | Parameter | Value / Range | | :--- | :--- | | **Frequency Range** | 10 MHz to 4200 MHz (4.2 GHz) | | **Coupling Value** | 20 dB (Nominal) | | **Insertion Loss** | 0.8 dB (Typical, excluding coupled power) | | **Directivity** | 20 dB (Typical) | | **Mainline VSWR** | 1.2:1 (Typical) | | **Input Power (Max)** | 2 Watts | | **Operating Temperature** | -40°C to 85°C | --- ### 2. Electronic Components and Construction The "R" in the part number often signifies **RoHS Compliance**, indicating that the materials used (solder, plating, and substrates) are free from hazardous substances like lead. * **Substrate Material:** Uses high-frequency laminate materials (like Rogers or similar PTFE-based boards) to ensure low dielectric loss at 4.2 GHz. * **Microstrip Design:** The internal circuitry relies on precision-etched microstrip lines. The physical distance and length of the "coupled" line relative to the "main" line determine the 20 dB coupling ratio. * **Termination Resistors:** High-precision internal chip resistors are used to terminate the isolated port, ensuring high directivity and preventing reflected signals from interfering with the measurement. --- ### 3. Pin Configuration and Interface The device is typically housed in a small, surface-mount (SMT) package. 1. **Input Port:** Where the primary RF signal enters. 2. **Output Port:** Where the primary signal exits (with minimal loss). 3. **Coupled Port:** Provides a sample of the input signal reduced by 20 dB. 4. **Ground:** Multiple pins/pads for thermal dissipation and RF shielding. --- ### 4. Typical Applications * **Power Monitoring:** Sampling a small portion of a transmitter's output to ensure it is operating within legal or design limits. * **Signal Level Control (ALC):** Used in feedback loops to maintain a constant output power. * **Reflectometer Measurements:** When reversed, it can be used to measure reflected power (VSWR) in an antenna system. * **Signal Injection:** Injecting a test signal into a system without breaking the main signal path. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 20 dB coupling value in a circuit design?
    • ⤷ How does 'Directivity' affect the accuracy of signal monitoring?
    • ⤷ Are there specific PCB layout requirements for SMT directional couplers like the LPD-42M1-R?