Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPD-43M2-R

  • AI
    ## LPD-43M2-R: Electronic Specifications and Overview The **LPD-43M2-R** is a specific electronic component, typically categorized as a **2-Way Power Divider/Combiner**. It is widely used in radio frequency (RF) and microwave systems to split an input signal into two output signals or combine two signals into one. Below is a detailed breakdown of its electronic characteristics and technical parameters. --- ### 1. Key Technical Specifications Most units in the LPD-43 series follow these general electronic profiles: | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Frequency Range** | 4.3 GHz to 8.5 GHz (Variable) | Depends on the specific production batch. | | **Insertion Loss** | ≤ 0.5 dB (above 3dB split) | Minimal energy lost during transmission. | | **Isolation** | ≥ 20 dB | Prevents feedback between output ports. | | **VSWR (Input/Output)** | 1.25:1 to 1.4:1 | Indicates impedance matching efficiency. | | **Phase Balance** | ± 3° | Shift between output ports. | | **Amplitude Balance** | ± 0.3 dB | Difference in power level between outputs. | | **Power Handling** | 10W - 30W | Maximum CW power input. | --- ### 2. Physical & Connector Interface The "R" in the suffix often denotes a specific orientation or connector type (frequently SMA or N-type). * **Connector Type:** Usually **SMA-Female** (Gold-plated or Stainless Steel). * **Impedance:** **50 Ohms** (Standard for RF communications). * **Housing:** Aluminum alloy with conductive oxidation or paint for EMI shielding. * **Operating Temperature:** -45°C to +85°C. --- ### 3. Electronic Functionality #### A. Power Splitting (Divider Mode) In this mode, a signal entering the **Sum Port (S)** is divided equally into **Port 1** and **Port 2**. The electronic design ensures that the phase and amplitude remain as consistent as possible between the two outputs. #### B. Power Combining (Combiner Mode) Two separate signals are fed into Ports 1 and 2 to emerge as a single combined signal at the Sum Port. The internal resistors (typically **Wilkinson Power Divider** design) dissipate the reflected energy to maintain high isolation between the two source signals. --- ### 4. Common Applications * **Wireless Infrastructure:** Splitting signals for MIMO antenna arrays. * **Test and Measurement:** Distributing a clock or local oscillator signal to multiple instruments. * **Radar Systems:** Feed networks for phased-array antennas. * **Satellite Communications:** Signal distribution in ground stations. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range for the LPD-43M2-R model you are using?
    • ⤷ Do you need the mechanical dimensions for PCB mounting?
    • ⤷ Are you using this as a power splitter or a power combiner?