Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPD-43PC-R/Q

  • AI
    The **LPD-43PC-R/Q** is a specific model of a **4.3-inch Liquid Crystal Display (LCD) module**, typically utilized in embedded systems, industrial control panels, and HMI (Human-Machine Interface) devices. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Core Technical Specifications The "R/Q" suffix usually denotes specific variations in the interface or touch panel type (Resistive vs. Capacitive). | Feature | Specification | | :--- | :--- | | **Display Type** | TFT LCD (Thin Film Transistor) | | **Screen Size** | 4.3 Inches (Diagonal) | | **Resolution** | 480 x 272 Pixels (WQVGA) | | **Color Depth** | 16.7M Colors (24-bit) | | **Backlight** | White LED (typically 7-10 LEDs) | | **Interface** | RGB 24-bit / Parallel | --- ## 2. Key Electronic Components ### A. The LCD Controller/Driver Inside the glass panel, there is a **Source Driver** and a **Gate Driver** (often an integrated IC like the **Himax HX8257** or similar). * **Function:** Translates digital RGB signals into voltage levels that orient the liquid crystals. * **Timing:** Requires HSYNC, VSYNC, and Pixel Clock (DCLK) signals. ### B. The Backlight Circuit The module uses a series of LEDs that require a constant current driver. * **Voltage:** Usually requires ~15V to 25V depending on the series/parallel configuration of the LEDs. * **Control:** Often supports **PWM (Pulse Width Modulation)** for dimming control. ### C. Touch Screen Interface (R/Q Variations) * **R (Resistive):** Uses a 4-wire or 5-wire analog interface. It detects pressure via two transparent conductive layers touching. * **Q (Capacitive):** Uses an I2C or SPI controller (e.g., FocalTech or Goodix chips) to detect the electrical properties of a human finger. --- ## 3. Pinout and Connectivity Most 4.3" TFTs of this class use a **40-pin FPC (Flexible Printed Circuit)** connector. | Pin Range | Function | Description | | :--- | :--- | :--- | | **1 - 2** | VLED- / VLED+ | Backlight Power Supply | | **3 - 4** | GND | Ground | | **5 - 12** | R0 - R7 | Red Data Bus | | **13 - 20** | G0 - G7 | Green Data Bus | | **21 - 28** | B0 - B7 | Blue Data Bus | | **30** | PCLK | Pixel Clock | | **32 - 33** | HSYNC / VSYNC | Horizontal and Vertical Sync | | **37 - 40** | Touch Pins | X+/Y+ (Resistive) or SDA/SCL (Capacitive) | --- ## 4. Usage Considerations To drive this part electronically, you generally need an external microcontroller (like an STM32 with LTDC) or a dedicated display bridge (like an SSD1963). 1. **Logic Voltage:** Most signals operate at **3.3V TTL**. Providing 5V directly to data pins will damage the IC. 2. **Backlight Driver:** A boost converter is necessary because a standard 3.3V or 5V rail cannot light the LED string. 3. **FPC Handling:** The ribbon cable is fragile; repeated bending can cause trace fractures. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact power consumption of the LPD-43PC-R/Q during full brightness?
    • ⤷ Which microcontroller is best suited to drive this 24-bit RGB interface?
    • ⤷ What are the physical dimensions and mounting hole positions for this module?