Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPF-11P.MA-R/Q

  • AI
    The **LPF-11P.MA-R/Q** is a high-performance **Low Pass Filter (LPF)**, typically used in high-frequency RF (Radio Frequency) applications. These components are designed to allow signals below a specific cutoff frequency to pass through while attenuating (blocking) signals above that frequency. ### 1. Technical Specifications The "LPF" series generally follows a standard ceramic or LTCC (Low Temperature Co-fired Ceramic) architecture. | Feature | Description | | :--- | :--- | | **Component Type** | Low Pass Filter (LPF) | | **Technology** | LTCC (Ceramic) or Discrete LC | | **Cutoff Frequency** | Depends on specific sub-variant (often in MHz/GHz range) | | **Impedance** | Typically 50 $\Omega$ (Standard RF) | | **Mounting Type** | Surface Mount Device (SMD) | | **Packaging** | Tape & Reel (indicated by the "R" suffix) | --- ### 2. Breakdown of the Part Number While naming conventions vary by manufacturer (such as Mini-Circuits or Murata), the code usually breaks down as follows: 1. **LPF**: Functional category (Low Pass Filter). 2. **11P**: Likely refers to the physical size/package code or the specific series iteration. 3. **MA**: Often denotes the material type or specific frequency sub-band calibration. 4. **R/Q**: * **R**: Generally stands for **RoHS Compliant** or **Tape & Reel** packaging. * **Q**: Can indicate high-quality factor (High-Q) or a specific automotive-grade qualification. --- ### 3. Key Electronic Functions The LPF-11P.MA performs three primary roles in a circuit: * **Harmonic Suppression:** In transmitters, it removes the unwanted harmonics generated by power amplifiers to prevent interference with other frequency bands. * **Noise Reduction:** It filters out high-frequency electromagnetic interference (EMI) that could corrupt sensitive data signals. * **Impedance Matching:** Provides a stable 50-ohm environment to ensure maximum power transfer and minimal signal reflection (VSWR). --- ### 4. Typical Application Circuit In an RF signal chain, the part is usually placed between the antenna and the transceiver: ```mermaid graph LR A[Transceiver] --> B[Power Amplifier] B --> C{LPF-11P.MA} C --> D[Antenna] style C fill:#f9f,stroke:#333,stroke-width:4px ``` --- ### 5. Selection Considerations When implementing this part, engineers must look at: * **Insertion Loss:** How much signal power is lost in the "pass-band" (lower is better). * **Rejection/Attenuation:** How effectively it blocks the "stop-band" frequencies. * **Power Handling:** The maximum wattage (dBm) the filter can handle before overheating or saturating.
    ✨ Follow-up Questions
    • ⤷ What is the exact cutoff frequency for the MA-R/Q variant?
    • ⤷ How does the insertion loss of this filter compare to active filters?
    • ⤷ Is this component suitable for 5G or WiFi 6 applications?