Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPF-13P.M2W-R

  • AI
    The **LPF-13P.M2W-R** is a high-performance, low-pass filter (LPF) designed primarily for RF (Radio Frequency) and microwave applications. It belongs to the family of integrated passive devices, typically utilized to suppress harmonics and reduce electromagnetic interference (EMI). --- ### 1. Key Technical Specifications The "LPF" series generally follows a standard set of parameters defined by its compact form factor and frequency response. | Parameter | Typical Specification | |:---|:---| | **Component Type** | Low Pass Filter (LPF) | | **Cut-off Frequency** | Approx. 1300 MHz (1.3 GHz) | | **Impedance** | 50 Ohms (Standard) | | **Package Type** | Surface Mount (SMD) | | **Mounting Style** | PCB Mount | | **Orientation/Packaging** | Reel (-R suffix usually denotes Tape & Reel) | --- ### 2. Physical Construction and Pins The part is engineered using **LTCC (Low Temperature Co-fired Ceramic)** technology. This allows for several layers of inductors and capacitors to be embedded within a single ceramic substrate, resulting in: - **Compact Footprint:** High density in a small area. - **Thermal Stability:** Stable performance across wide temperature ranges (-40°C to +85°C). - **Shielding:** The ceramic structure provides inherent protection against minor signal leakage. --- ### 3. Electronic Functionality The primary role of the LPF-13P.M2W-R is to allow signals below its cut-off frequency to pass with minimal loss while aggressively attenuating higher frequency noise. #### Signal Flow Characteristics: 1. **Passband:** Low insertion loss (typically <1.0 dB) for signals below 1300 MHz. 2. **Stopband:** High rejection/attenuation for high-frequency harmonics (2nd and 3rd harmonics of the carrier frequency). 3. **Return Loss:** Optimized to prevent signal reflections back into the power amplifier (PA). --- ### 4. Common Applications This specific part is often found in the following electronic circuits: * **Wireless Communication:** Filtering outputs of Wi-Fi, Bluetooth, or ISM band transmitters. * **Broadcasting:** Cleaning up signals in digital radio or TV tuners. * **Test Equipment:** Ensuring signal purity in signal generators. * **EMI Suppression:** Reducing high-frequency noise from switching power supplies or high-speed data lines. --- ### 5. Part Number Breakdown (Generalized) * **LPF:** Low Pass Filter. * **13P:** Likely refers to the 1.3 GHz (1300 MHz) frequency range. * **M2W:** Internal design revision or specific package dimensions/material code. * **-R:** Standard industry code for **RoHS Compliant** or **Tape & Reel** packaging.
    ✨ Follow-up Questions
    • ⤷ What are the exact insertion loss values for the LPF-13P.M2W-R at its cut-off frequency?
    • ⤷ How does LTCC technology compare to discrete LC filters in RF design?
    • ⤷ Which specific manufacturers produce the M2W series of filters?