Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPF-13P.M3W-R/Q

  • AI
    The **LPF-13P.M3W-R/Q** is a high-performance **Low Pass Filter (LPF)** designed for telecommunications and RF signal processing applications. It is specifically engineered to allow signals below a certain cutoff frequency to pass while significantly attenuating frequencies above that point. --- ### 1. Key Technical Specifications The "13P" designation typically refers to its frequency range or design series, often utilized in satellite communications (SatCom) or microwave links. | Feature | Specification (Typical) | | :--- | :--- | | **Filter Type** | Low Pass Filter (LPF) | | **Passband** | DC to ~13 GHz (Model dependent) | | **Impedance** | 50 Ohms | | **Connector Type** | SMA or Microwave Interface | | **Mounting** | Surface Mount or Connectorized (depending on suffix) | | **Power Handling** | Low to Medium Power (Signal level) | --- ### 2. Component Composition This part is an integrated RF module rather than a single discrete component like a resistor. Its internal structure consists of: * **Microstrip/Stripline Circuitry:** High-precision copper traces on a specialized substrate (like Rogers or Teflon) that create the inductive and capacitive effects required for filtering. * **Surface Mount Passives:** High-Q ceramic capacitors and precision inductors arranged in a multi-pole configuration (e.g., Chebyshev or Butterworth response). * **Shielding:** A metal housing or specialized coating to prevent Electromagnetic Interference (EMI) and crosstalk. --- ### 3. Suffix Breakdown (R/Q) The suffix provides specific manufacturing and packaging details: * **-R:** Generally indicates **RoHS Compliance** (Lead-free) or **Reel** packaging for automated pick-and-place assembly. * **-Q:** Often denotes **Automotive-grade** qualification (AEC-Q100/200) or a specific **Quality** screening level for high-reliability environments. --- ### 4. Typical Applications This component is used in RF front-ends to clean up signals before amplification or transmission: 1. **Harmonic Suppression:** Removing unwanted multiples of the carrier frequency generated by power amplifiers. 2. **Noise Reduction:** Blocking high-frequency thermal noise from entering sensitive receiver stages. 3. **Signal Conditioning:** Ensuring compliance with spectral mask requirements in wireless transmission. ---
    ✨ Follow-up Questions
    • ⤷What is the exact cutoff frequency for the LPF-13P series?
    • ⤷ Does this component require a specific PCB substrate for mounting?
    • ⤷ What are the thermal operating limits for the 'Q' grade version?