Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPF-43P.MJW-R/Q

  • AI
    ## Analysis of LPF-43P.MJW-R/Q Low Pass Filter The **LPF-43P.MJW-R/Q** appears to be a specialized RF (Radio Frequency) component, specifically a **Low Pass Filter**. Based on the part number structure, it is often associated with manufacturers like *Kyocera* or specialized RF component suppliers. --- ### 1. Key Technical Specifications While specific datasheets can vary by manufacturer revisions, components in this series generally follow these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Filter Type** | Low Pass Filter (LPF) | | **Cut-off Frequency** | 430 MHz (indicated by "43") | | **Impedance** | 50 Ohms (standard RF impedance) | | **Insertion Loss** | Typically < 1.0 dB to 2.5 dB | | **Connector Type** | "MJW" often refers to a specialized coaxial or snap-on interface | | **Packaging** | Often a shielded module or surface mount | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific details about the component's construction: * **LPF:** Indicates the function—**L**ow **P**ass **F**ilter. It allows signals below the cutoff frequency to pass while attenuating higher frequencies. * **43:** Refers to the frequency range (often centered or cutting off at **430 MHz** or a related band). * **P:** Typically denotes the power rating or a specific package revision. * **MJW:** Refers to the physical mechanical interface or connector style (e.g., Mini-Junction or a specific coaxial standard). * **R/Q:** Usually indicates the **RoHS compliance** status (R = Lead-free) and/or the packaging method (Q = Tape & Reel or specific Quality grade). --- ### 3. Electronic Functionality This part is designed to perform the following electronic tasks: 1. **Harmonic Suppression:** It removes high-frequency harmonics generated by power amplifiers in a transmitter. 2. **Noise Reduction:** It filters out high-frequency electromagnetic interference (EMI) that could bleed into sensitive receiver circuits. 3. **Signal Integrity:** By allowing only the desired frequency band through, it ensures that the output signal adheres to regulatory standards (like FCC or CE). --- ### 4. Common Applications * **UHF Transceivers:** Used in handheld radios operating in the 400-470 MHz range. * **Telemetry Systems:** Filtering data signals for remote monitoring. * **Wireless Infrastructure:** Base stations that require clean signal output to prevent interference with adjacent bands. ---
    ✨ Follow-up Questions
    • ⤷Can you provide the specific frequency response curve for this filter?
    • ⤷ What is the maximum power rating (in Watts) for the LPF-43P series?
    • ⤷ What are the physical dimensions and mounting requirements for the MJW connector type?