Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPF-46P.M2W-R/Q

  • AI
    The **LPF-46P.M2W-R/Q** is a high-performance Low Pass Filter (LPF) typically utilized in RF (Radio Frequency) and microwave applications. It is designed to allow signals below a certain cutoff frequency to pass while significantly attenuating signals above that threshold. --- ### 1. Component Specifications Below is a breakdown of the typical technical parameters for this series of filters: | Parameter | Description / Typical Value | |:---|:---| | **Filter Type** | Low Pass Filter (LPF) | | **Cutoff Frequency** | Approximately 46 MHz (indicated by "46") | | **Impedance** | 50 Ohms (Standard RF matching) | | **Connector Type** | Surface Mount (SMT) or Pin-type (depending on "M2W" footprint) | | **Configuration** | Passive LC (Inductor-Capacitor) network | | **Stopband Rejection** | Typically >20dB to 40dB at harmonic frequencies | --- ### 2. Suffix Meaning & Physical Characteristics The alphanumeric string in the part number often denotes specific mechanical and electrical tolerances: * **LPF-46P**: The base model identifying it as a Low Pass Filter with a 46 MHz passband characteristic. * **M2W**: Refers to the specific **package style** or case size. This usually indicates a miniature, shielded metal case designed to minimize EMI (Electromagnetic Interference). * **R/Q**: These suffixes often denote: * **R**: Compliance with RoHS (Restriction of Hazardous Substances) standards. * **Q**: Quality assurance levels or specific tape-and-reel packaging requirements for automated assembly. --- ### 3. Electronic Functionality This part functions by utilizing a multi-pole network to create a steep "roll-off." #### Key Electronic Features: * **Insertion Loss**: Low loss within the passband (usually <1.0 dB) to ensure signal integrity. * **Rejection/Attenuation**: High rejection of higher-order harmonics which helps in preventing interference in communication bands. * **VSWR**: Low Voltage Standing Wave Ratio, meaning the component is well-matched to the circuit, minimizing signal reflections. --- ### 4. Typical Applications 1. **Harmonic Suppression**: Removing unwanted frequencies generated by oscillators or power amplifiers. 2. **Transmitter Front-Ends**: Ensuring the output signal meets regulatory standards (e.g., FCC/CE) by filtering out-of-band emissions. 3. **Test Equipment**: Used in signal generators to provide clean sine waves.
    ✨ Follow-up Questions
    • ⤷ What is the exact insertion loss for the LPF-46P.M2W-R/Q at 40 MHz?
    • ⤷ How does the 'M2W' package compare to standard SMT footprints in terms of shielding?
    • ⤷ What is the maximum power handling capacity for this specific filter?