Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPF-47P.M1W-R/Q

  • AI
    The **LPF-47P.M1W-R/Q** is a high-performance **Low Pass Filter (LPF)** designed for specialized RF (Radio Frequency) applications. These components are critical in signal processing to allow low-frequency signals to pass while attenuating (blocking) frequencies above a specific cutoff point. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series of filters, the following parameters define its electronic characteristics: | Parameter | Typical Value/Description | | :--- | :--- | | **Passband** | DC to 47 MHz (Approximate cutoff) | | **Insertion Loss** | Low (typically < 1.0 dB in passband) | | **Impedance** | 50 Ohms (Standard RF matching) | | **Stopband Rejection** | High attenuation of harmonics/spurious signals | | **Package Type** | Surface Mount (SMT) or Plug-in depending on suffix | | **RoHS Status** | Compliant (indicated by 'R') | --- ### 2. Component Breakdown The part number can be decoded to understand its specific electronic build: * **LPF**: Low Pass Filter. * **47**: Indicates the cutoff frequency (47 MHz). * **P.M1W**: Refers to the internal mechanical design and specific substrate material used for frequency stability. * **R**: Typically denotes **RoHS Compliance** (Lead-free). * **Q**: Often refers to high-quality factor (Q) or specific **Automotive/Industrial Grade** testing standards. --- ### 3. Electronic Function & Applications The electronic circuit inside this part usually consists of a multi-pole **LC Network** (Inductors and Capacitors). Its primary roles include: 1. **Harmonic Suppression:** In transmitters, it removes unwanted high-frequency multiples of the carrier signal. 2. **Noise Reduction:** It filters out high-frequency electromagnetic interference (EMI) from the signal path. 3. **Anti-Aliasing:** Used before an Analog-to-Digital Converter (ADC) to ensure signals above the Nyquist frequency are removed. --- ### 4. Implementation Circuit Example In a standard RF signal chain, the LPF-47P is placed between the amplifier and the antenna (or output stage): ```mermaid graph LR A[Signal Source] --> B[Amplifier] B --> C{LPF-47P.M1W-R/Q} C --> D[Filtered Output] C -.-> E[Attenuated High Freq] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact stopband rejection level for the LPF-47P at 100MHz?
    • ⤷ How does the 'Q' suffix affect the thermal stability of this component?
    • ⤷ What are the recommended soldering profiles for the M1W surface mount package?