Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPS-RK

  • AI
    The **LPS-RK** (Low-Power Sensor - Raspberry Kit) typically refers to a specialized hardware integration platform designed for low-power IoT applications, often utilizing **LoRaWAN** or **LPWAN** technologies. It is frequently associated with RAKwireless or similar modular sensor ecosystems. Below is an overview of the core electronic components and their functions within this system. --- ## 1. Core Processing Unit (MCU/SBC) The "RK" usually signifies a kit designed for or featuring a **Raspberry Pi** (SBC) or a **RAK Modular** processor. | Component | Description | Function | | :--- | :--- | :--- | | **Microprocessor** | Raspberry Pi (RPi 4 or Zero) | Handles data processing, OS operations, and cloud connectivity. | | **MCU Module** | STM32 or nRF52 series | Used in low-power variants for edge computing and sensor polling. | --- ## 2. Communication Modules (Wireless) The "LPS" aspect focuses on long-range, low-power communication. * **LoRa/LoRaWAN Gateway Module:** Often a Concentrator module (like the RAK2245 or RAK5146) connected via SPI to the Pi. * **WiFi/Bluetooth:** Integrated into the Raspberry Pi for local configuration and short-range data transfer. * **Antenna System:** External high-gain antennas for Sub-GHz frequencies (868MHz / 915MHz). --- ## 3. Sensor Interface Components These parts allow the kit to interact with the physical environment. ### Interface Protocols * **I2C/UART/SPI:** Headers used to connect peripheral sensors. * **GPIO Pins:** Used for digital input/output (switches, relays). ### Common Integrated Sensors | Sensor Type | Electronic Part Example | Data Provided | | :--- | :--- | :--- | | **Environmental** | BME280 / BME680 | Temp, Humidity, Pressure, Gas | | **Light** | OPT3001 | Ambient Light Intensity | | **Motion** | LIS3DH / MPU6050 | Accelerometer / Gyroscope | --- ## 4. Power Management System Because it is a "Low-Power" kit, the power circuitry is sophisticated. 1. **Buck/Boost Converters:** Regulates voltage from batteries (3.7V LiPo) to the 3.3V or 5V required by the electronics. 2. **Battery Management System (BMS):** Manages charging cycles, often supporting Solar Panel inputs. 3. **Sleep Mode Circuitry:** Components designed to cut power to non-essential sensors when the device is in deep-sleep mode. --- ## 5. Storage and Connectivity * **MicroSD Card Slot:** Used for the Raspberry Pi OS and local data logging. * **Ethernet Port:** (On RPi versions) for backhaul connectivity to a network server. * **USB-C / Micro-USB:** For power supply and flashing firmware. --- ### Basic Architecture Flow `Sensors (I2C/SPI)` ➔ `MCU/Raspberry Pi` ➔ `LoRa Module` ➔ `Gateway/Cloud`
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the LPS-RK during deep sleep?
    • ⤷ Does this kit support LoRaWAN Class A
    • ⤷ B
    • ⤷ or C devices?
    • ⤷ Which Raspberry Pi models are most compatible with the LPS-RK shield?