Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPS-RK-35SPI

  • AI
    The **LPS-RK-35SPI** is a specific model of a **Low Peak Class J Dual-Element Time-Delay Fuse**, typically manufactured by Eaton Bussmann. This component is critical in electrical engineering for circuit protection, particularly for motor circuits and inductive loads. --- ### ## Technical Specifications | Feature | Specification | | :--- | :--- | | **Class** | Class J | | **Current Rating** | 35 Amps | | **Voltage Rating (AC)** | 600 Vac | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupting Rating** | 300kA RMS Symmetrical (AC) / 100kA (DC) | | **Response Time** | Time-Delay (Dual-Element) | | **Indication** | SPI (Permanent Visual Indication) | --- ### ## Key Electronic Components & Design The "LPS-RK-35SPI" is not an integrated circuit but a sophisticated passive protection device. Its internal construction consists of several key parts: #### 1. Dual-Element Construction Unlike a standard fast-acting fuse, this contains two distinct internal mechanisms: * **Thermal Cutout:** Handles low-level overloads. It utilizes a spring-loaded solder joint that melts if a sustained moderate overload occurs. * **Short-Circuit Element:** A high-speed notched silver or copper link that vaporizes instantly during massive current spikes (short circuits). #### 2. Visual Indication (SPI) The **SPI** suffix stands for "Smart Presence Indicator." It includes a built-in visual window or flag that changes state/color when the fuse has blown. This allows technicians to identify the failed component without using a multimeter. #### 3. Current Limitation As a Class J fuse, it is "Current Limiting." This means it reacts so quickly during a short circuit that it prevents the fault current from reaching its maximum peak, protecting downstream electronic components (like VFDs or PLCs) from thermal and magnetic stress. --- ### ## Applications The LPS-RK-35SPI is commonly used in: * **Motor Branch Circuits:** Its time-delay feature allows for the high "inrush" current of motors without nuisance tripping. * **Control Transformers:** Protects against primary side surges. * **Panelboards:** Used as a compact, high-interrupting capacity disconnect. --- ### ## Comparison: LPS-RK vs. Standard Fuses | Feature | LPS-RK (Class J) | Standard Glass Fuse | | :--- | :--- | :--- | | **Safety** | High (Finger-safe mounting available) | Low (Exposed) | | **Interrupting Capacity** | Extremely High (300kA) | Low (usually <10kA) | | **Size** | Small Form Factor | Varies | | **Best For** | Heavy Industrial Equipment | Consumer Electronics |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Time-Delay and a Fast-Acting fuse in industrial settings?
    • ⤷ How does the 'Current Limiting' feature protect sensitive electronics?
    • ⤷ What are the mounting requirements for Class J fuses like the LPS-RK-35SPI?